Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC9S08SH4MPJR Fiches technique(PDF) 118 Page - Freescale Semiconductor, Inc

No de pièce MC9S08SH4MPJR
Description  Microcontrollers
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR Fiches technique(HTML) 118 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 114Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 115Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 116Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 117Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 118Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 119Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 120Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 121Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 122Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 338 page
background image
Chapter 8 Analog Comparator (S08ACMPV2)
MC9S08SH8 MCU Series Data Sheet, Rev. 3
118
Freescale Semiconductor
8.3.1.1
ACMP Status and Control Register (ACMPSC)
ACMPSC contains the status flag and control bits which are used to enable and configure the ACMP.
76543210
R
ACME
ACBGS
ACF
ACIE
ACO
ACOPE
ACMOD
W
Reset:
0
0
0
0
0
0
0
0
= Unimplemented
Figure 8-3. ACMP Status and Control Register
Table 8-2. ACMP Status and Control Register Field Descriptions
Field
Description
7
ACME
Analog Comparator Module Enable — ACME enables the ACMP module.
0 ACMP not enabled
1 ACMP is enabled
6
ACBGS
Analog Comparator Bandgap Select — ACBGS is used to select between the bandgap reference voltage or
the ACMP+ pin as the input to the non-inverting input of the analog comparatorr.
0 External pin ACMP+ selected as non-inverting input to comparator
1 Internal reference select as non-inverting input to comparator
Note: refer to this chapter introduction to verify if any other config bits are necessary to enable the bandgap
reference in the chip level.
5
ACF
Analog Comparator Flag — ACF is set when a compare event occurs. Compare events are defined by ACMOD.
ACF is cleared by writing a one to ACF.
0 Compare event has not occured
1 Compare event has occured
4
ACIE
Analog Comparator Interrupt Enable — ACIE enables the interrupt from the ACMP. When ACIE is set, an
interupt will be asserted when ACF is set.
0 Interrupt disabled
1 Interrupt enabled
3
ACO
Analog Comparator Output — Reading ACO will return the current value of the analog comparator output. ACO
is reset to a 0 and will read as a 0 when the ACMP is disabled (ACME = 0).
2
ACOPE
Analog Comparator Output Pin Enable — ACOPE is used to enable the comparator output to be placed onto
the external pin, ACMPO.
0 Analog comparator output not available on ACMPO
1 Analog comparator output is driven out on ACMPO
1:0
ACMOD
Analog Comparator Mode — ACMOD selects the type of compare event which sets ACF.
00 Encoding 0 — Comparator output falling edge
01 Encoding 1 — Comparator output rising edge
10 Encoding 2 — Comparator output falling edge
11 Encoding 3 — Comparator output rising or falling edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com