Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP320C6720RFP300 Fiches technique(PDF) 108 Page - Texas Instruments

No de pièce TMP320C6720RFP300
Description  Floating-Point Digital Signal Processors
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TMP320C6720RFP300 Fiches technique(HTML) 108 Page - Texas Instruments

Back Button TMP320C6720RFP300 Datasheet HTML 104Page - Texas Instruments TMP320C6720RFP300 Datasheet HTML 105Page - Texas Instruments TMP320C6720RFP300 Datasheet HTML 106Page - Texas Instruments TMP320C6720RFP300 Datasheet HTML 107Page - Texas Instruments TMP320C6720RFP300 Datasheet HTML 108Page - Texas Instruments TMP320C6720RFP300 Datasheet HTML 109Page - Texas Instruments TMP320C6720RFP300 Datasheet HTML 110Page - Texas Instruments TMP320C6720RFP300 Datasheet HTML 111Page - Texas Instruments TMP320C6720RFP300 Datasheet HTML 112Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 118 page
background image
6
Revision History
TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720
Floating-Point Digital Signal Processors
SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008
www.ti.com
This revision history highlights the technical changes made to the SPRS370D device-specific data sheet
to make it an SPRS370E revision.
Scope:
See table below.
ADDS/CHANGES/DELETES
Table 4-17, UHPI Read and Write Timing Requirements:
•
Parameter 38:
–
Changed symbol from "th(HRDYH-DSL)" to "th(HRDYL-DSH)"
–
Changed description from "Hold time, DS low after UHPI_HRDY rising edge" to "Hold time, DS high after UHPI_HRDY falling
edge"
Table 4-27, General Timing Requirements for SPIx Master Modes:
•
Parameter 4 [td(SIMO_SPC)M]: Updated MIN values
Table 4-32, Additional SPI Slave Timings, 4-Pin Enable Option:
•
Parameter 24 [td(SPC_ENAH)S]:
–
Polarity = 0, Phase = 1: Updated MIN and MAX values
–
Polarity = 1, Phase = 1: Updated MIN and MAX values
Table 4-34, Additional SPI Slave Timings, 5-Pin Option:
•
Parameter 27 [tena(SCSL_SOMI)S]: Updated MAX value
•
Parameter 28 [tdis(SCSH_SOMI)S]: Updated MAX value
Removed "PowerPAD™ PCB Footprint" section (Section 7.2.2 in SPRS370D)
108
Revision History
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More