| Moteur de recherche de fiches techniques de composants électroniques |
|
TMS320DM647 Fiches technique(PDF) 136 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM647 Fiches technique(HTML) 136 Page - Texas Instruments |
|
136 / 181 page ![]() HCS HAS HCNTL[1:0] HR/W HHWIL HSTROBE(A) HD[15:0] HRDY(B) 34 5 17 18 17 18 34 5 4 38 37 13 16 15 14 13 16 15 37 35 TMS320DM647 TMS320DM648 SPRS372F – JANUARY 2010 – REVISED SEPTEMBER 2009 www.ti.com A. HSTROBE refers to the following logical operation on HCS, HDS1, and HDS2: [NOT(HDS1 XOR HDS2)] OR HCS. B. Depending on the type of write or read operation (HPID without auto-incrementing; HPIA, HPIC, or HPID with auto-incrementing) and the state of the FIFO, transitions on HRDY may or may not occur. For more detailed information on the HPI peripheral, see the TMS320DM647/DM648 DSP Host Port Interface (HPI) User's Guide (literature number SPRUEL5). Figure 6-42. HPI16 Write Timing (HAS Not Used, Tied High) 136 Peripheral Information and Electrical Specifications Copyright © 2010–2009, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): TMS320DM647 TMS320DM648 |