Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ALVC164245 Fiches technique(PDF) 14 Page - NXP Semiconductors

No de pièce 74ALVC164245
Description  16-bit dual supply translating transceiver; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ALVC164245 Fiches technique(HTML) 14 Page - NXP Semiconductors

Back Button 74ALVC164245 Datasheet HTML 10Page - NXP Semiconductors 74ALVC164245 Datasheet HTML 11Page - NXP Semiconductors 74ALVC164245 Datasheet HTML 12Page - NXP Semiconductors 74ALVC164245 Datasheet HTML 13Page - NXP Semiconductors 74ALVC164245 Datasheet HTML 14Page - NXP Semiconductors 74ALVC164245 Datasheet HTML 15Page - NXP Semiconductors 74ALVC164245 Datasheet HTML 16Page - NXP Semiconductors 74ALVC164245 Datasheet HTML 17Page - NXP Semiconductors 74ALVC164245 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
74ALVC164245_5
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 05 — 13 April 2010
14 of 20
NXP Semiconductors
74ALVC164245
16-bit dual supply translating transceiver; 3-state
12. Package outline
Fig 8.
Package outline SOT370-1 (SSOP48)
UNIT
A1
A2
A3
bp
cD (1)
E (1)
eHE
LL p
QZ
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.4
0.2
2.35
2.20
0.25
0.3
0.2
0.22
0.13
16.00
15.75
7.6
7.4
0.635
1.4
0.25
10.4
10.1
1.0
0.6
1.2
1.0
0.85
0.40
8
0
o
o
0.18
0.1
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
SOT370-1
99-12-27
03-02-19
(1)
w M
bp
D
HE
E
Z
e
c
v M A
X
A
y
48
25
MO-118
24
1
θ
A
A1
A2
L p
Q
detail X
L
(A )
3
pin 1 index
0
5
10 mm
scale
SSOP48: plastic shrink small outline package; 48 leads; body width 7.5 mm
SOT370-1
A
max.
2.8


Numéro de pièce similaire - 74ALVC164245

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74ALVC164245 PHILIPS-74ALVC164245 Datasheet
129Kb / 12P
   16-bit dual supply translating transceiver 3-State
Rev. 02-1 June 2004
74ALVC164245 PHILIPS-74ALVC164245 Datasheet
107Kb / 19P
   16-bit dual supply translating transciever; 3-state
Rev. 02-1 June 2004
logo
Nexperia B.V. All right...
74ALVC164245 NEXPERIA-74ALVC164245 Datasheet
242Kb / 14P
   16-bit dual supply translating transceiver; 3-state
Rev. 11 - 27 July 2021
74ALVC164245-Q100 NEXPERIA-74ALVC164245-Q100 Datasheet
230Kb / 14P
   16-bit dual supply translating transceiver 3-state
logo
NXP Semiconductors
74ALVC164245DGG PHILIPS-74ALVC164245DGG Datasheet
129Kb / 12P
   16-bit dual supply translating transceiver 3-State
Rev. 02-1 June 2004
More results

Description similaire - 74ALVC164245

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74ALVC164245-Q100 NEXPERIA-74ALVC164245-Q100 Datasheet
230Kb / 14P
   16-bit dual supply translating transceiver 3-state
logo
NXP Semiconductors
74ALVC164245 PHILIPS-74ALVC164245_15 Datasheet
282Kb / 20P
   16-bit dual supply translating transceiver; 3-state
Rev. 8-15 March 2012
74ALVC164245 PHILIPS-74ALVC164245 Datasheet
129Kb / 12P
   16-bit dual supply translating transceiver 3-State
Rev. 02-1 June 2004
logo
Nexperia B.V. All right...
74ALVC164245 NEXPERIA-74ALVC164245 Datasheet
242Kb / 14P
   16-bit dual supply translating transceiver; 3-state
Rev. 11 - 27 July 2021
logo
NXP Semiconductors
74ALVC164245DL,112 NXP-74ALVC164245DL,112 Datasheet
282Kb / 20P
   74ALVC164245 16-bit dual supply translating transceiver; 3-state
Rev. 8-15 March 2012
logo
Nexperia B.V. All right...
74AVC4T774-Q100 NEXPERIA-74AVC4T774-Q100 Datasheet
318Kb / 23P
   4-bit dual supply translating transceiver; 3-state
Rev. 2 - 2 January 2023
74AXP2T45 NEXPERIA-74AXP2T45 Datasheet
325Kb / 26P
   2-bit dual supply translating transceiver; 3-state
Rev. 2 - 23 June 2022
74AXP1T45 NEXPERIA-74AXP1T45 Datasheet
319Kb / 26P
   1-bit dual supply translating transceiver; 3-state
Rev. 2 - 3 February 2022
74LVC8T245-Q100 NEXPERIA-74LVC8T245-Q100 Datasheet
808Kb / 28P
   8-bit dual supply translating transceiver; 3-state
74AVC4T774PW-Q100 NEXPERIA-74AVC4T774PW-Q100 Datasheet
294Kb / 20P
   4-bit dual supply translating transceiver; 3-state
Rev. 1 - 20 October 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com