Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS20 Fiches technique(PDF) 1 Page - Suntan Capacitors

No de pièce TS20
Description  CHIP TANTALUM CAPACITOR - SMD
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUNTAN [Suntan Capacitors]
Site Internet  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS20 Fiches technique(HTML) 1 Page - Suntan Capacitors

  TS20 Datasheet HTML 1Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CHIP TANTALUM CAPACITOR - SMD
Suntan®
SOLID ELECTROLYTE, HIGH VOLUMETRIC EFFICIENCY, STABLEELECTRIC PERFORMANCES
TS20
F E A T U R E S
‧ Molded case available in six case codes
‧ Compatible with all popular “High Volume” automatic pick and equipment
‧ Optical character recognition qualified
S
P
E
C
I
F
I
C
A
T
I
O
N
S
OPERATING TEMPERATURE
RATED VOLTAGE RANGE
CAPACITANCE TOLERANCE
LEAKAGE CURRENT
LOAD LIFE
TEMPERATURE
CHARACTERISTIC
-55 ~ +125℃ (>85℃ applying derated voltage)
4 ~ 50VDC
K: (±10%), M: (±20%) (20℃, 120HZ/100HZ)
Io≤0.01CRUR OR 0.5μA(20℃) (whichever is greater) Measured
after 5 minutes application of rated voltage
CR-(μF) Nominal Capacitance; UR-(V) Rated Voltage
85℃, After applying rated voltage for 2000 hours at 85℃
Capacitance change: within +-10% of the initial value
Dissipation factor:
Not more than 150% of the specified value
Leakage current:
Not more than the specified value
Dissipation Factor (℃)
Capacitance Change
Leakage Current
-55
+85
+125
-55
+85
+125
+85
+125
-10
6
6
6
10Io
12Io
+10
10
10
10
+12
12
12
12
Diagram of Dimensions
Case Size
L+-0.3
W1+-0.3
H+-0.3
S+-0.3
W2+-0.2
P
2012
2.0
1.2
1.2
0.5
1.2
A
3216
3.2
1.6
1.6
0.8
1.2
B
3528
3.5
2.8
1.9
0.8
2.2
C
6032
6.0
3.2
2.5
1.3
2.2
D
7343
7.3
4.3
2.8
1.3
2.4
E
7343
7.3
4.3
4.0
1.3
2.4
Case Size, Derated Voltage & Surge Voltage
UR
V
4
6.3
10
16
20
25
35
50
Voltage Derating (V)
2.5
4
6.3
10
13
16
23
32
Surge Voltage
+85℃ (V)
5
8
13
20
26
32
46
65
Surge Voltage
+125℃ (V)
3.4
5.0
9
12
16
20
26
38
CR
Case Size (standard / miniature / Super miniature)
μF
0.1
A
A/B
0.15
A
A/B
0.22
A
A/B
0.33
A
A
A/B
0.47
P
P
A
A/B
A/C
0.68
P
A/P
A/P
A
A/B
A/C
1.0
A
A
A/P
A/P
A
A
A/B
C
1.5
A/P
A
A/P
A
A/B
A/B
A/B/C
D
2.2
A/P
A
A/P
A/B
A/B
A/B
B/C
C/D
3.3
A/P
A
A/P
A/B
A/B
A/B/C
C/D
D
4.7
A/P
A
A/B/P
A/B
A/B/C
B/C
C/D
D
6.8
A/P
A
A/B
A/B
B/C
B/C
C/D
D
10
A/P
A/B
A/B
A/B/C
B/C/D
B/C/D
C/D
15
A/B
A
A/B/C
B/C
C
C/D
D/E
22
A/B
A/B/C
A/B/C
B/C/D
C/D
D
33
B/C
A/B
B/C/D
C/D
C/D
D/E
47
B/C
B/C
B/C/D
C/D
D/E
D/E
68
B/C
B/C/D
C/D
D
D/E
100
B/C
B/C
C/D
D/E
150
C/D/E
C/D
D/E
E
220
C/D/E
C/D
D
330
E
D
Marking code for case size p
Note: Specification are subject to change without notice. For more detail and update, please visit our website.
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Numéro de pièce similaire - TS20

FabricantNo de pièceFiches techniqueDescription
logo
CUI INC
TS20 CUI-TS20 Datasheet
391Kb / 4P
TACTILE SWITCH
05/10/2022
TS20-42-25-WT-160-SMT-TR CUI-TS20-42-25-WT-160-SMT-TR Datasheet
391Kb / 4P
TACTILE SWITCH
05/10/2022
logo
Bothhand USA, LP.
TS20-HF BOTHHAND-TS20-HF Datasheet
226Kb / 2P
Complying with ROHS & Halogen Free requirements.
logo
Tumbler Technologies + ...
TS200 TRUMPOWER-TS200 Datasheet
128Kb / 2P
200W Compact AC/DC Power Supplies
logo
Bothhand USA, LP.
TS200 BOTHHAND-TS200 Datasheet
197Kb / 1P
10 BASE-T ISOLATION TRANSFORMER
More results

Description similaire - TS20

FabricantNo de pièceFiches techniqueDescription
logo
Kemet Corporation
T499 KEMET-T499 Datasheet
146Kb / 3P
Tantalum Chip Capacitor
logo
Central Technologies
CTTCC CT-CTTCC Datasheet
258Kb / 2P
Chip Tantalum Capacitor
logo
Suntan Capacitors
TS20L SUNTAN-TS20L Datasheet
838Kb / 3P
CHIP TANTALUM CAPACITOR LOW ESR - SMD
logo
AVX Corporation
TRJD686M016RRJ AVX-TRJD686M016RRJ Datasheet
138Kb / 6P
Professional Tantalum Chip Capacitor
logo
Kingtronics Internation...
CKT KINGTRONICS-CKT Datasheet
235Kb / 2P
CKT Chip Tantalum Capacitor - SMD
EKT KINGTRONICS-EKT Datasheet
184Kb / 4P
Chip Tantalum Capacitor Low ESR. SMD
logo
AVX Corporation
TRJC476K016R0350 AVX-TRJC476K016R0350 Datasheet
100Kb / 6P
Professional Tantalum Chip Capacitor
TRJD685K050RRJ AVX-TRJD685K050RRJ Datasheet
100Kb / 6P
Professional Tantalum Chip Capacitor
logo
Suntan Capacitors
TS20 SUNTAN-TS20_17 Datasheet
168Kb / 1P
CHIP TANTALUM CAPACITOR - SMD
TS20L SUNTAN-TS20L_17 Datasheet
388Kb / 3P
CHIP TANTALUM CAPACITOR LOW ESR - SMD
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com