| Moteur de recherche de fiches techniques de composants électroniques |
|
AM1808AZCE4 Fiches technique(PDF) 216 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM1808AZCE4 Fiches technique(HTML) 216 Page - Texas Instruments |
|
216 / 264 page ![]() UHPI_HCS UHPI_HAS(D) UHPI_HCNTL[1:0] UHPI_HR/W UHPI_HHWIL UHPI_HSTROBE(A)(C) UHPI_HD[15:0] (output) UHPI_HRDY(B) 1 2 1 2 1 2 5 6 3 4 3 1 2 1 2 1 2 8 14 15 14 8 7 1st Half-Word 2nd Half-Word 6 13 15 A. UHPI_HSTROBE refers to the following logical operation on UHPI_HCS, UHPI_HDS1, and UHPI_HDS2: [NOT(HDS1 XOR HDS2)] OR UHPI_HCS. B. Depending on the type of write or read operation (HPID without auto-incrementing; HPIA, HPIC, or HPID with auto-incrementing)and the state of the FIFO, transitions on UHPI_HRDY may or may not occur. C. UHPI_HCS reflects typical UHPI_HCS behavior when UHPI_HSTROBE assertion is caused by UHPI_HDS1 or UHPI_HDS2. UHPI_HCS timing requirements are reflected by parameters for UHPI_HSTROBE. D The diagram above assumes UHPI_HAS has been pulled high. AM1808 SPRS653 – FEBRUARY 2010 www.ti.com Figure 6-65. UHPI Read Timing (HAS Not Used, Tied High) 216 Peripheral Information and Electrical Specifications Copyright © 2010, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): AM1808 |