Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3000RF-SFSP Fiches technique(PDF) 4 Page - Emcore Corporation

No de pièce 3000RF-SFSP
Description  Long Range L-Band Transport
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EMCORE [Emcore Corporation]
Site Internet  http://www.emcore.com
Logo EMCORE - Emcore Corporation

3000RF-SFSP Fiches technique(HTML) 4 Page - Emcore Corporation

  3000RF-SFSP Datasheet HTML 1Page - Emcore Corporation 3000RF-SFSP Datasheet HTML 2Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 2 page
background image
Min
Typ
Max
Units
Channel Loading
110
Bandwidth (77 Ch)
40
870
MHz
Operating Wavelength
1290
1310
1330
nm
Required Fiber Bandwidth
2,000
MHz
Input/Output Impedance
75
Ohms
Side Mode Suppression Ratio
30
dB
Backreflection Tolerance
-50
dB
CSO
-60
dB
CTB
-65
dB
Optical Characteristics*
Rev. 1.3 01/17/05
Electrical, Environmental, and Physical Characteristics*
Min
Typ
Max
Units
Power Supply Voltage
120
240
V
Power Supply Frequency
50
60
Hz
Power Dissipation
20
Watts
Fuse (Slow Blow)
1.25
A
AC
Operating Temp. Range
0
+45
°C
Storage Temp. Range
-20
+70
°C
Humidity
0
90
%
Weight
5.5
lbs.
2.5
kg
Dimensions
19 x 1.72 x 12.1
in.
483 x 43.7 x 307
mm
Receiver Optical Input (dBm)
5 Ch.
10 Ch.
24 Ch.
40 Ch.
77 Ch.
36
38
40
42
44
46
48
50
52
54
56
58
60
62
64
-12 -11 -10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
3
4
Model 2805 Private Network Solution
(PNS) Transmitter
Front and Rear Views
*System performance specifications indicated for use with 9/125 µm single-mode fiber.
FC/APC optical connectors and other optical output powers are available for the transmitter. Please see IOM2805 for complete transmitter part numbers.
The PNS transmitter is designed to operate with the Model 2807 and/or Model 2808 CATV receivers. See IOM2807 and IOM2808 for complete details.
110 Channel SM 1310 nm Transmitter P/N
Tx Options
2805TD-SCSP/08
2805TE-SCSP/10
2805Tf-SCSP/12
2805TG-SCSP/13
+8 dBm Opt. Output
+10 dBm Opt. Output
+12 dBm Opt. Output
+13 dBm Opt. Output
Tx, 1RU, SM, 1310 nm
Specifications and Ordering Information
Specifications and Ordering Information
825 Park Street, Christiansburg, VA 24073
USA (800) 732-5252 • TEL (540) 382-0462 • FAX (540) 381-0392
csr-sales@forceinc.com • www.forceinc.com
Force
Optical Broadcast Systems
Force, Incorporated reserves the right to make changes to the product described in this document in the interest of product improvement.
© 2005 by Force, Incorporated.
All rights reserved.



Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com