| Moteur de recherche de fiches techniques de composants électroniques |
|
HT68F20 Fiches technique(PDF) 183 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT68F20 Fiches technique(HTML) 183 Page - Holtek Semiconductor Inc |
|
183 / 210 page ![]() Package Information 16-pin DIP (300mil) Outline Dimensions · MS-001d (see fig1) Symbol Dimensions in mil Min. Nom. Max. A 780 ¾ 880 B 240 ¾ 280 C 115 ¾ 195 D 115 ¾ 150 E14 ¾ 22 F45 ¾ 70 G ¾ 100 ¾ H 300 ¾ 325 I ¾¾ 430 · MS-001d (see fig2) Symbol Dimensions in mil Min. Nom. Max. A 735 ¾ 775 B 240 ¾ 280 C 115 ¾ 195 D 115 ¾ 150 E14 ¾ 22 F45 ¾ 70 G ¾ 100 ¾ H 300 ¾ 325 I ¾¾ 430 HT68F20/HT68F30/HT68F40/HT68F50/HT68F60 Rev. 1.00 183 November 3, 2009 1 6 1 9 8 A B C D E F G H I Fig1. Full Lead Packages 1 6 1 9 8 A B C D E F G H I Fig2. 1/2 Lead Packages |