Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LVG9253-1M Fiches technique(PDF) 2 Page - LIGITEK electronics co., ltd.

No de pièce LVG9253-1M
Description  AXIAL TYPE LED LAMPS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LIGITEK [LIGITEK electronics co., ltd.]
Site Internet  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LVG9253-1M Fiches technique(HTML) 2 Page - LIGITEK electronics co., ltd.

  LVG9253-1M Datasheet HTML 1Page - LIGITEK electronics co., ltd. LVG9253-1M Datasheet HTML 2Page - LIGITEK electronics co., ltd. LVG9253-1M Datasheet HTML 3Page - LIGITEK electronics co., ltd. LVG9253-1M Datasheet HTML 4Page - LIGITEK electronics co., ltd. LVG9253-1M Datasheet HTML 5Page - LIGITEK electronics co., ltd. LVG9253-1M Datasheet HTML 6Page - LIGITEK electronics co., ltd. LVG9253-1M Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Directivity Radiation
25%
75%
100%
50%
-60
°
-30
°
75%
25%
0
50%
100%
60
°
0
°
30
°
Note : 1.All dimension are in millimeter tolerance is
±0.25mm unless otherwise noted.
2.Specifications are subject to change without notice.
7.62
9.25
8.5
1
+
1
+
0.6
TYP
PART NO. LVG9253-1M
Package Dimensions
0.9
±0.15
2
-
2
-
1.95
0.25
TYP
4.0MIN
1.65
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 1/6


Numéro de pièce similaire - LVG9253-1M

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LVG9253-1 LIGITEK-LVG9253-1 Datasheet
222Kb / 7P
AXIAL TYPE LED LAMPS
More results

Description similaire - LVG9253-1M

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LURF9033 LIGITEK-LURF9033 Datasheet
1Mb / 7P
AXIAL TYPE LED LAMPS
LVG9353 LIGITEK-LVG9353 Datasheet
84Kb / 7P
AXIAL TYPE LED LAMPS
LHRF9033 LIGITEK-LHRF9033 Datasheet
1Mb / 7P
AXIAL TYPE LED LAMPS
LHY9033 LIGITEK-LHY9033 Datasheet
123Kb / 7P
AXIAL TYPE LED LAMPS
LUE9033 LIGITEK-LUE9033 Datasheet
1Mb / 7P
AXIAL TYPE LED LAMPS
LUY9033 LIGITEK-LUY9033 Datasheet
1Mb / 7P
AXIAL TYPE LED LAMPS
LG9033 LIGITEK-LG9033 Datasheet
123Kb / 7P
AXIAL TYPE LED LAMPS
LDBK9253-1 LIGITEK-LDBK9253-1 Datasheet
123Kb / 7P
AXIAL TYPE LED LAMPS
LUG9253-1M LIGITEK-LUG9253-1M Datasheet
70Kb / 5P
AXIAL TYPE LED LAMPS
LVG9253-1 LIGITEK-LVG9253-1 Datasheet
222Kb / 7P
AXIAL TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com