Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LVG9253-1M Fiches technique(PDF) 7 Page - LIGITEK electronics co., ltd.

No de pièce LVG9253-1M
Description  AXIAL TYPE LED LAMPS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LIGITEK [LIGITEK electronics co., ltd.]
Site Internet  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LVG9253-1M Fiches technique(HTML) 7 Page - LIGITEK electronics co., ltd.

  LVG9253-1M Datasheet HTML 1Page - LIGITEK electronics co., ltd. LVG9253-1M Datasheet HTML 2Page - LIGITEK electronics co., ltd. LVG9253-1M Datasheet HTML 3Page - LIGITEK electronics co., ltd. LVG9253-1M Datasheet HTML 4Page - LIGITEK electronics co., ltd. LVG9253-1M Datasheet HTML 5Page - LIGITEK electronics co., ltd. LVG9253-1M Datasheet HTML 6Page - LIGITEK electronics co., ltd. LVG9253-1M Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
1.T.Sol=235
℃±5
2.Immersion time 2
±0.5sec
3.Immersion rate 25
±2.5mm/sec
4.Immersion rate 25
±2.5mm/sec
5.Coverage
95% of the dipped surface
MIL-STD-202F: 208D
MIL-STD-750D: 2026
MIL-STD-883D: 2003
IEC 68 Part 2-20
JIS C 7021: A-2
Ramp-up rate(183
to Peak) +3 second max
Temp. maintain at 125(
±25)120 seconds max
Temp. maintain above 183
60-150 seconds
Peak temperature range 235
+5-0
Time within 5
of actual Peak Temperature(tp)
10-30 seconds
Ramp-down rate +6
/second max
1.105
℃ ~ 25℃ ~ 55℃ ~ 25
30mins 5mins 30mins 5mins
2.10 Cyeles
Solderability Test
Environmental
Test
Temperature
Cycling
Solderability Test
MIL-STD-750D:2031.2
J-STD-020
MIL-STD-202F: 107D
MIL-STD-750D: 1051
MIL-STD-883D: 1010
JIS C 7021: A-4
1.T.Sol=260
℃±5
2.Dwell Time= 10
±1sec.
1.Ta=Under Room Temperature As Per Data Sheet
Maximum Rating.
2.If=20mA
3.t=1000 hrs (-24hrs, +72hrs)
1.IR-Reflow In-Board,2 times
2.Ta=105
℃±5&
-40
℃±5
(10min) (10min)
3.total 10 cycles
1.IR-Reflow In-Board, 2 Times
2.Ta=65
℃±5
3.RH=90 %~95%
4.t=1000hrs
±2hrs
1.Ta=105
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
1.Ta=-40
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
Reliability Test:
Low Temperature
Storage Test
Solder Resistance
Test
Thermal Shock Test
High Temperature
High Humidity
Storage Test
Endurance
Test
High Temperature
Storage Test
Classification
Operating Life Test
Test Item
JIS C 7021: B-12
MIL-STD-202F: 107D
MIL-STD-750D: 1051
MIL-STD-883D: 1011
MIL-STD-202F: 210A
MIL-STD-750D: 2031
JIS C 7021: A-1
MIL-STD-202F:103B
JIS C 7021: B-11
MIL-STD-750D: 1026
MIL-STD-883D: 1005
JIS C 7021: B-1
MIL-STD-883D:1008
JIS C 7021: B-10
Test Condition
Reference
Standard
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 6/6
PART NO. LVG9253-1M


Numéro de pièce similaire - LVG9253-1M

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LVG9253-1 LIGITEK-LVG9253-1 Datasheet
222Kb / 7P
AXIAL TYPE LED LAMPS
More results

Description similaire - LVG9253-1M

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LURF9033 LIGITEK-LURF9033 Datasheet
1Mb / 7P
AXIAL TYPE LED LAMPS
LUY9033 LIGITEK-LUY9033 Datasheet
1Mb / 7P
AXIAL TYPE LED LAMPS
LVG9353 LIGITEK-LVG9353 Datasheet
84Kb / 7P
AXIAL TYPE LED LAMPS
LDBK9253-1 LIGITEK-LDBK9253-1 Datasheet
123Kb / 7P
AXIAL TYPE LED LAMPS
LG9033 LIGITEK-LG9033 Datasheet
123Kb / 7P
AXIAL TYPE LED LAMPS
LUG9253-1M LIGITEK-LUG9253-1M Datasheet
70Kb / 5P
AXIAL TYPE LED LAMPS
LHRF9033 LIGITEK-LHRF9033 Datasheet
1Mb / 7P
AXIAL TYPE LED LAMPS
LHY9033 LIGITEK-LHY9033 Datasheet
123Kb / 7P
AXIAL TYPE LED LAMPS
LUE9033 LIGITEK-LUE9033 Datasheet
1Mb / 7P
AXIAL TYPE LED LAMPS
LVG9253-1 LIGITEK-LVG9253-1 Datasheet
222Kb / 7P
AXIAL TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com