Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADE5566ASTZF62 Fiches technique(PDF) 111 Page - Analog Devices

No de pièce ADE5566ASTZF62
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADE5566ASTZF62 Fiches technique(HTML) 111 Page - Analog Devices

Back Button ADE5566ASTZF62 Datasheet HTML 107Page - Analog Devices ADE5566ASTZF62 Datasheet HTML 108Page - Analog Devices ADE5566ASTZF62 Datasheet HTML 109Page - Analog Devices ADE5566ASTZF62 Datasheet HTML 110Page - Analog Devices ADE5566ASTZF62 Datasheet HTML 111Page - Analog Devices ADE5566ASTZF62 Datasheet HTML 112Page - Analog Devices ADE5566ASTZF62 Datasheet HTML 113Page - Analog Devices ADE5566ASTZF62 Datasheet HTML 114Page - Analog Devices ADE5566ASTZF62 Datasheet HTML 115Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 156 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Rev. B | Page 111 of 156
MOV ECON, #08H
;issue protection
command
Note that after the PROTKY has been activated by a reset, any
further changes to the protection require the new 8-bit protection
key to be written to the PROTKY SFR prior to issuing the ECON
command. The PROTKY SFR is cleared automatically when the
ECON 0x08 command is issued and, therefore, the user must
ensure that the correct value is written to the PROTKY SFR
each time that the protection scheme is changed.
;enable write/erase protection on last page
(this is required for any protection to be
activated)
MOV EDATA, #0F7H
; clear bit WP123
MOV EADRL, #0FFH
; write address to F7FFh
MOV FLSHKY, #3BH
; enable flash access
The most significant bit of 0xF7FF is used to enable the lock
mechanism for the watchdog (see the Watchdog Timer section
for more information).
MOV ECON, #08H
;issue protection
command
;set up PROTKY to A3h
The following code provides an example of how the write/erase
protection can be enabled on the first page and the PROTKY set
to 0xA3. Note that to activate the following protection, the part
requires a reset.
MOV EDATA, #0A3H
; set PROTKY to A3h
MOV EADRL, #0EBH
; write address to F7EBh
MOV FLSHKY, #3BH
; enable flash access
; enable write/erase protection on the first
page only
MOV ECON, #08H
; issue protection
command
MOV EDATA, #0FEH
; clear bit WP 0
Note that after the PROTKY is changed to 0xA3, as shown in
the preceding example code, all future modifications of the pro-
tection scheme require that the PROTKY SFR be set to 0xA3
prior to issuing the ECON protection command.
MOV EADRL, #0F0H
; write address to F7F0h
MOV FLSHKY, #3BH
; enable flash access
PROTKY
0xF600
0xF7EB
0xF7EF
0xF7FF
WDOG
LOCK
WP
123
WP
122
WP
121
WP
120
WP
115
WP
114
WP
113
WP
112
WP
119
WP
118
WP
117
WP
116
WP
107
WP
106
WP
105
WP
104
WP
111
WP
110
WP
109
WP
108
WP
11
WP
10
WP
9
WP
8
WP
15
WP
14
WP
13
WP
12
WP
3
WP
2
WP
1
WP
0
WP
7
WP
6
WP
5
WP
4
RP
108–111
RP
104–107
RP
100–103
RP
96–99
RP
64–67
RP
68–71
RP
72–75
RP
76–79
RP
80–83
RP
84–87
RP
88–91
RP
92–95
RP
32–35
RP
36–39
RP
40–43
RP
44–47
RP
48–51
RP
52–55
RP
56–59
RP
60–63
RP
0–3
RP
4–7
RP
8–11
RP
12–15
RP
16–19
RP
20–23
RP
24–27
RP
28–31
RP
120–123
RP
116–119
RP
112–115
PROTECTION KEY
Figure 96. Flash Protection in Page 124



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More