Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADE5166ASTZF62 Fiches technique(PDF) 152 Page - Analog Devices

No de pièce ADE5166ASTZF62
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADE5166ASTZF62 Fiches technique(HTML) 152 Page - Analog Devices

Back Button ADE5166ASTZF62 Datasheet HTML 148Page - Analog Devices ADE5166ASTZF62 Datasheet HTML 149Page - Analog Devices ADE5166ASTZF62 Datasheet HTML 150Page - Analog Devices ADE5166ASTZF62 Datasheet HTML 151Page - Analog Devices ADE5166ASTZF62 Datasheet HTML 152Page - Analog Devices ADE5166ASTZF62 Datasheet HTML 153Page - Analog Devices ADE5166ASTZF62 Datasheet HTML 154Page - Analog Devices ADE5166ASTZF62 Datasheet HTML 155Page - Analog Devices ADE5166ASTZF62 Datasheet HTML 156Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 152 / 156 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Rev. B | Page 152 of 156
DETERMINING THE VERSION OF THE ADE5166/ADE5169/ADE5566/ADE5569
Each ADE5166/ADE5169/ADE5566/ADE5569 holds in its internal
flash registers a value that defines its version. This value helps to
determine if users have the latest version of the part. The version
of the ADE5166/ADE5169/ADE5566/ADE5569 that corresponds
to this data sheet is ADE5166/ADE5169/ADE5566/ADE5569 V2.3.
This value can be accessed as follows:
1.
Launch HyperTerminal with a 9600 baud rate.
2.
Put the part in serial download mode by first holding
SDEN to logic low, then resetting the part.
3.
Hold the SDEN pin.
4.
Press and release the RESET pin.
A string should appear on the HyperTerminal containing the
part name and version number, for example, ADE5166V2.3,
ADE5169V2.3, ADE5566V2.3, or ADE5569V2.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More