| Moteur de recherche de fiches techniques de composants électroniques |
|
ATmega48PA Fiches technique(PDF) 157 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATmega48PA Fiches technique(HTML) 157 Page - ATMEL Corporation |
|
157 / 448 page ![]() 157 8161D–AVR–10/09 ATmega48PA/88PA/168PA/328P (RTC). When AS2 is set, pins TOSC1 and TOSC2 are disconnected from Port C. A crystal can then be connected between the TOSC1 and TOSC2 pins to serve as an independent clock source for Timer/Counter2. The Oscillator is optimized for use with a 32.768 kHz crystal. For Timer/Counter2, the possible prescaled selections are: clk T2S/8, clkT2S/32, clkT2S/64, clk T2S/128, clkT2S/256, and clkT2S/1024. Additionally, clkT2S as well as 0 (stop) may be selected. Setting the PSRASY bit in GTCCR resets the prescaler. This allows the user to operate with a predictable prescaler. |