| Moteur de recherche de fiches techniques de composants électroniques |
|
ATtiny5 Fiches technique(PDF) 150 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATtiny5 Fiches technique(HTML) 150 Page - ATMEL Corporation |
|
150 / 168 page ![]() 150 8127C–AVR–10/09 ATtiny4/5/9/10 Note: 1. For compatibility with future devices, reserved bits should be written to zero if accessed. Reserved I/O memory addresses should never be written. 2. I/O Registers within the address range 0x00 - 0x1F are directly bit-accessible using the SBI and CBI instructions. In these registers, the value of single bits can be checked by using the SBIS and SBIC instructions. 3. Some of the Status Flags are cleared by writing a logical one to them. Note that, unlike most other AVRs, the CBI and SBI instructions will only operation the specified bit, and can therefore be used on registers containing such Status Flags. The CBI and SBI instructions work with registers 0x00 to 0x1F only. 4. The ADC is available in ATtiny5/10, only. |