| Moteur de recherche de fiches techniques de composants électroniques |
|
ATtiny5 Fiches technique(PDF) 102 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATtiny5 Fiches technique(HTML) 102 Page - ATMEL Corporation |
|
102 / 168 page ![]() 102 8127C–AVR–10/09 ATtiny4/5/9/10 14.5 Instruction Set The TPI has a compact instruction set that is used to access the TPI Control and Status Space (CSS) and the data space. The instructions allow the external programmer to access the TPI, the NVM Controller and the NVM memories. All instructions except SKEY require one byte oper- and following the instruction. The SKEY instruction is followed by 8 data bytes. All instructions are byte-sized. The TPI instruction set is summarised in Table 14-1. 14.5.1 SLD - Serial LoaD from data space using indirect addressing The SLD instruction uses indirect addressing to load data from the data space to the TPI physi- cal layer shift-register for serial read-out. The data space location is pointed by the Pointer Register (PR), where the address must have been stored before data is accessed. The Pointer Register is either left unchanged by the operation, or post-incremented, as shown in Table 14-2. Table 14-1. Instruction Set Summary Mnemonic Operand Description Operation SLD data, PR Serial LoaD from data space using indirect addressing data ← DS[PR] SLD data, PR+ Serial LoaD from data space using indirect addressing and post-increment data ← DS[PR] PR ← PR+1 SST PR, data Serial STore to data space using indirect addressing DS[PR] ← data SST PR+, data Serial STore to data space using indirect addressing and post-increment DS[PR] ← data PR ← PR+1 SSTPR PR, a Serial STore to Pointer Register using direct addressing PR[a] ← data SIN data, a Serial IN from data space data ← I/O[a] SOUT a, data Serial OUT to data space I/O[a] ← data SLDCS data, a Serial LoaD from Control and Status space using direct addressing data ← CSS[a] SSTCS a, data Serial STore to Control and Status space using direct addressing CSS[a] ← data SKEY Key, {8{data}} Serial KEY Key ← {8{data}} Table 14-2. The Serial Load from Data Space (SLD) Instruction Operation Opcode Remarks Register data ← DS[PR] 0010 0000 PR ← PR Unchanged data ← DS[PR] 0010 0100 PR ← PR + 1 Post increment |