| Moteur de recherche de fiches techniques de composants électroniques |
|
ATtiny88 Fiches technique(PDF) 200 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATtiny88 Fiches technique(HTML) 200 Page - ATMEL Corporation |
|
200 / 266 page ![]() 200 8008C–AVR–03/09 ATtiny48/88 Notes: 1. Not all instructions are applicable for all parts. 2. a = address. 3. Bits are programmed ‘0’, unprogrammed ‘1’. 4. To ensure future compatibility, unused Fuses and Lock bits should be unprogrammed (‘1’) . 5. Refer to the correspondig section for Fuse and Lock bits, Calibration and Signature bytes and Page size. 6. See htt://www.atmel.com/avr for Application Notes regarding programming and programmers. If the LSB in RDY/BSY data byte out is ‘1’, a programming operation is still pending. Wait until this bit returns ‘0’ before the next instruction is carried out. Within the same page, the low data byte must be loaded prior to the high data byte. After data is loaded to the page buffer, program the EEPROM page, see Figure 20-8 on page 200. Figure 20-8. Serial Programming Instruction example Byte 1 Byte 2 Byte 3 Byte 4 Adr LSB Bit 15 B 0 Serial Programming Instruction Program Memory/ EEPROM Memory Page 0 Page 1 Page 2 Page N-1 Page Buffer Write Program Memory Page/ Write EEPROM Memory Page Load Program Memory Page (High/Low Byte)/ Load EEPROM Memory Page (page access) Byte 1 Byte 2 Byte 3 Byte 4 Bit 15 B 0 Adr MSB Page Offset Page Number Adr dr M r MS SB A A Adr dr LS LSB SB |