Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATtiny44 Fiches technique(PDF) 230 Page - ATMEL Corporation

No de pièce ATtiny44
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny44 Fiches technique(HTML) 230 Page - ATMEL Corporation

Back Button ATtiny44 Datasheet HTML 226Page - ATMEL Corporation ATtiny44 Datasheet HTML 227Page - ATMEL Corporation ATtiny44 Datasheet HTML 228Page - ATMEL Corporation ATtiny44 Datasheet HTML 229Page - ATMEL Corporation ATtiny44 Datasheet HTML 230Page - ATMEL Corporation ATtiny44 Datasheet HTML 231Page - ATMEL Corporation ATtiny44 Datasheet HTML 232Page - ATMEL Corporation ATtiny44 Datasheet HTML 233Page - ATMEL Corporation ATtiny44 Datasheet HTML 234Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 236 page
background image
230
8006H–AVR–10/09
ATtiny24/44/84
27.5
Rev D. 08/06
27.6
Rev C. 07/06
27.7
Rev B. 05/06
27.8
Rev A. 12/05
Initial revision.
1.
Updated “Calibrated Internal 8 MHz Oscillator” on page 26.
2.
Updated “OSCCAL – Oscillator Calibration Register” on page 30.
3.
Added Table 20-2 on page 176.
4.
Updated code examples in “SPI Master Operation Example” on page 119.
5.
Updated code examples in “SPI Slave Operation Example” on page 121.
6.
Updated “Signature Bytes” on page 162.
1.
Updated Features in “USI – Universal Serial Interface” on page 117.
2.
Added “Clock speed considerations” on page 123.
3.
Updated Bit description in “ADMUX – ADC Multiplexer Selection Register” on page 145.
4.
Added note to Table 18-1 on page 157.
1.
Updated “Default Clock Source” on page 30
2.
Updated “Power Reduction Register” on page 35.
3.
Updated Table 20-4 on page 177, Table 9-4 on page 42, Table 16-3 on page 145,
Table 19-5 on page 161, Table 19-12 on page 165, Table 19-16 on page 171, Table 20-
11 on page 182.
4.
Updated Features in “Analog to Digital Converter” on page 132.
5.
Updated Operation in “Analog to Digital Converter” on page 132.
6.
Updated “Temperature Measurement” on page 144.
7.
Updated DC Characteristics in “Electrical Characteristics” on page 174.
8.
Updated “Typical Characteristics” on page 185.
9.
Updated “Errata” on page 223.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More