| Moteur de recherche de fiches techniques de composants électroniques |
|
ATtiny44 Fiches technique(PDF) 213 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATtiny44 Fiches technique(HTML) 213 Page - ATMEL Corporation |
|
213 / 236 page ![]() 213 8006H–AVR–10/09 ATtiny24/44/84 22. Register Summary Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Page 0x3F (0x5F) SREG I T H S V N ZC Page 8 0x3E (0x5E) SPH – – – – – – SP9 SP8 Page 11 0x3D (0x5D) SPL SP7 SP6 SP5 SP4 SP3 SP2 SP1 SP0 Page 11 0x3C (0x5C) OCR0B Timer/Counter0 – Output Compare Register B Page 85 0x3B (0x5B) GIMSK –INT0 PCIE1 PCIE0 – – – – Page 51 0x3A (0x5A GIFR –INTF0 PCIF1 PCIF0 – – – – Page 52 0x39 (0x59) TIMSK0 – – – – – OCIE0B OCIE0A TOIE0 Page 85 0x38 (0x58) TIFR0 – – – – OCF0B OCF0A TOV0 Page 85 0x37 (0x57) SPMCSR – – RSIG CTPB RFLB PGWRT PGERS SPMEN Page 157 0x36 (0x56) OCR0A Timer/Counter0 – Output Compare Register A Page 84 0x35 (0x55) MCUCR BODS PUD SE SM1 SM0 BODSE ISC01 ISC00 Pages 36, 51, and 67 0x34 (0x54) MCUSR – – – – WDRF BORF EXTRF PORF Page 45 0x33 (0x53) TCCR0B FOC0A FOC0B – – WGM02 CS02 CS01 CS00 Page 83 0x32 (0x52) TCNT0 Timer/Counter0 Page 84 0x31 (0x51) OSCCAL CAL7 CAL6CAL5CAL4CAL3CAL2CAL1 CAL0 Page 30 0x30 (0x50) TCCR0A COM0A1 COM0A0 COM0B1 COM0B0 – WGM01 WGM00 Page 80 0x2F (0x4F) TCCR1A COM1A1 COM1A0 COM1B1 COM1B0 – WGM11 WGM10 Page 108 0x2E (0x4E) TCCR1B ICNC1 ICES1 – WGM13 WGM12 CS12 CS11 CS10 Page 110 0x2D (0x4D) TCNT1H Timer/Counter1 – Counter Register High Byte Page 112 0x2C (0x4C) TCNT1L Timer/Counter1 – Counter Register Low Byte Page 112 0x2B (0x4B) OCR1AH Timer/Counter1 – Compare Register A High Byte Page 112 0x2A (0x4A) OCR1AL Timer/Counter1 – Compare Register A Low Byte Page 112 0x29 (0x49) OCR1BH Timer/Counter1 – Compare Register B High Byte Page 112 0x28 (0x48) OCR1BL Timer/Counter1 – Compare Register B Low Byte Page 112 0x27 (0x47) DWDR DWDR[7:0] Page 152 0x26 (0x46) CLKPR CLKPCE – – – CLKPS3 CLKPS2 CLKPS1 CLKPS0 Page 31 0x25 (0x45) ICR1H Timer/Counter1 - Input Capture Register High Byte Page 113 0x24 (0x44) ICR1L Timer/Counter1 - Input Capture Register Low Byte Page 113 0x23 (0x43) GTCCR TSM – – – – – – PSR10 Page 116 0x22 (0x42) TCCR1C FOC1A FOC1B – – – – – – Page 111 0x21 (0x41) WDTCSR WDIF WDIE WDP3 WDCE WDE WDP2 WDP1 WDP0 Page 45 0x20 (0x40) PCMSK1 – – – –PCINT11 PCINT10 PCINT9 PCINT8 Page 52 0x1F (0x3F) EEARH – – – – – – – EEAR8 Page 20 0x1E (0x3E) EEARL EEAR7 EEAR6 EEAR5 EEAR4 EEAR3 EEAR2 EEAR1 EEAR0 Page 21 0x1D (0x3D) EEDR EEPROM Data Register Page 21 0x1C (0x3C) EECR – – EEPM1 EEPM0 EERIE EEMPE EEPE EERE Page 21 0x1B (0x3B) PORTA PORTA7 PORTA6 PORTA5 PORTA4 PORTA3 PORTA2 PORTA1 PORTA0 Page 67 0x1A (0x3A) DDRA DDA7 DDA6 DDA5 DDA4 DDA3 DDA2 DDA1 DDA0 Page 67 0x19 (0x39) PINAPINA7 PINA6 PINA5 PINA4 PINA3 PINA2 PINA1 PINA0 Page 68 0x18 (0x38) PORTB – – – – PORTB3 PORTB2 PORTB1 PORTB0 Page 68 0x17 (0x37) DDRB – – – – DDB3 DDB2 DDB1 DDB0 Page 68 0x16 (0x36) PINB – – – –PINB3 PINB2 PINB1 PINB0 Page 68 0x15 (0x35) GPIOR2 General Purpose I/O Register 2 Page 23 0x14 (0x34) GPIOR1 General Purpose I/O Register 1 Page 23 0x13 (0x33) GPIOR0 General Purpose I/O Register 0 Page 23 0x12 (0x32) PCMSK0 PCINT7 PCINT6 PCINT5 PCINT4 PCINT3 PCINT2 PCINT1 PCINT0 Page 53 0x11 (0x31)) Reserved – 0x10 (0x30) USIBR USI Buffer Register Page 125 0x0F (0x2F) USIDR USI Data Register Page 124 0x0E (0x2E) USISR USISIF USIOIF USIPF USIDC USICNT3 USICNT2 USICNT1 USICNT0 Page 125 0x0D (0x2D) USICR USISIE USIOIE USIWM1 USIWM0 USICS1 USICS0 USICLK USITC Page 126 0x0C (0x2C) TIMSK1 – –ICIE1 – – OCIE1B OCIE1A TOIE1 Page 113 0x0B (0x2B) TIFR1 – –ICF1 – – OCF1B OCF1A TOV1 Page 114 0x0A (0x2A) Reserved – 0x09 (0x29) Reserved – 0x08 (0x28) ACSR ACD ACBG ACO ACI ACIE ACIC ACIS1 ACIS0 Page 130 0x07 (0x27) ADMUX REFS1 REFS0 MUX5 MUX4 MUX3 MUX2 MUX1 MUX0 Page 145 0x06 (0x26) ADCSRA ADEN ADSC ADATE ADIF ADIE ADPS2 ADPS1 ADPS0 Page 147 0x05 (0x25) ADCH ADC Data Register High Byte Page 149 0x04 (0x24) ADCL ADC Data Register Low Byte Page 149 0x03 (0x23) ADCSRB BIN ACME –ADLAR – ADTS2 ADTS1 ADTS0 Page 131, Page 149 0x02 (0x22) Reserved – 0x01 (0x21) DIDR0 ADC7D ADC6D ADC5D ADC4D ADC3D ADC2D ADC1D ADC0D Page 131, Page 150 0x00 (0x20) PRR – – – – PRTIM1 PRTIM0 PRUSI PRADC Page 37 |