Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATtiny261-ESMZ Fiches technique(PDF) 159 Page - ATMEL Corporation

No de pièce ATtiny261-ESMZ
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261-ESMZ Fiches technique(HTML) 159 Page - ATMEL Corporation

Back Button ATtiny261-ESMZ Datasheet HTML 155Page - ATMEL Corporation ATtiny261-ESMZ Datasheet HTML 156Page - ATMEL Corporation ATtiny261-ESMZ Datasheet HTML 157Page - ATMEL Corporation ATtiny261-ESMZ Datasheet HTML 158Page - ATMEL Corporation ATtiny261-ESMZ Datasheet HTML 159Page - ATMEL Corporation ATtiny261-ESMZ Datasheet HTML 160Page - ATMEL Corporation ATtiny261-ESMZ Datasheet HTML 161Page - ATMEL Corporation ATtiny261-ESMZ Datasheet HTML 162Page - ATMEL Corporation ATtiny261-ESMZ Datasheet HTML 163Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 227 page
background image
159
7753C–AVR–07/09
ATtiny261/ATtiny461/ATtiny861
100000
N/A
ADC0(PA0)
ADC1(PA1)
20x/32x
100001
ADC0(PA0)
ADC1(PA1)
1x/8x
100010
ADC1(PA1
ADC0(PA0)
20x/32x
100011
ADC1(PA1)
ADC0(PA0)
1x/8x
100100
N/A
ADC1(PA1)
ADC2(PA2)
20x/32x
100101
ADC1(PA1)
ADC2(PA2)
1x/8x
100110
ADC2(PA2
ADC1(PA1)
20x/32x
100111
ADC2(PA2)
ADC1(PA1)
1x/8x
101000
N/A
ADC2(PA2)
ADC0(PA0)
20x/32x
101001
ADC2(PA2)
ADC0(PA0)
1x/8x
101010
ADC0(PA0)
ADC2(PA2)
20x/32x
101011
ADC0(PA0)
ADC2(PA2)
1x/8x
101100
N/A
ADC4(PA5)
ADC5(PA6)
20x/32x
101101
ADC4(PA5)
ADC5(PA6)
1x/8x
101110
ADC5(PA6)
ADC4(PA5)
20x/32x
101111
ADC5(PA6)
ADC4(PA5)
1x/8x
110000
N/A
ADC5(PA6)
ADC6(PA7)
20x/32x
110001
ADC5(PA6)
ADC6(PA7)
1x/8x
110010
ADC6(PA7)
ADC5(PA6)
20x/32x
110011
ADC6(PA7)
ADC5(PA6)
1x/8x
110100
N/A
ADC6(PA7)
ADC4(PA5)
20x/32x
110101
ADC6(PA7)
ADC4(PA5)
1x/8x
110110
ADC4(PA5)
ADC6(PA7)
20x/32x
110111
ADC4(PA5)
ADC6(PA7)
1x/8x
111000
N/A
ADC0(PA0)
ADC0(PA0)
20x/32x
111001
ADC0(PA0)
ADC0(PA0)
1x/8x
111010
ADC1(PA1)
ADC1(PA1)
20x/32x
111011
ADC2(PA2)
ADC2(PA2)
20x/32x
111100
N/A
ADC4(PA5)
ADC4(PA5)
20x/32x
111101
ADC5(PA6)
ADC5(PA6)
20x/32x
111110
ADC6(PA7)
ADC6(PA7)
20x/32x
111111
ADC11 (1)
N/A
N/A
N/A
1.
For temperature sensor
Table 19-5.
Input Channel Selections (Continued)
MUX5..0
Single Ended
Input
Positive
Differential Input
Negative
Differential Input
Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More