| Moteur de recherche de fiches techniques de composants électroniques |
|
ATtiny45 Fiches technique(PDF) 170 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATtiny45 Fiches technique(HTML) 170 Page - ATMEL Corporation |
|
170 / 196 page ![]() 170 7598H–AVR–07/09 ATtiny25/45/85 Figure 23-29. Reset Input Threshold Voltage vs. V CC (VIL, Reset Pin Read As '0') Figure 23-30. Reset Input Pin Hysteresis vs. V CC RES ET INP UT THRES HOLD VOLTAGE vs . V CC VIL, IO PIN READ AS '0' 0 0.5 1.5 2 2.5 1.52 2.53 3.54 4.55 5.5 V CC (V) 125 ˚C 85 ˚C 25 ˚C -40 ˚C 125 ˚C 85 ˚C 25 ˚C -40 ˚C RES ET INP UT THRES HOLD VOLTAGE vs . V CC VIH, IO PIN READ AS '1' 0 0.05 0.1 0.15 0.2 0.25 1.52 2.53 3.54 4.5 5 5.5 V CC (V) |