Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATtiny25 Fiches technique(PDF) 169 Page - ATMEL Corporation

No de pièce ATtiny25
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny25 Fiches technique(HTML) 169 Page - ATMEL Corporation

Back Button ATtiny25 Datasheet HTML 165Page - ATMEL Corporation ATtiny25 Datasheet HTML 166Page - ATMEL Corporation ATtiny25 Datasheet HTML 167Page - ATMEL Corporation ATtiny25 Datasheet HTML 168Page - ATMEL Corporation ATtiny25 Datasheet HTML 169Page - ATMEL Corporation ATtiny25 Datasheet HTML 170Page - ATMEL Corporation ATtiny25 Datasheet HTML 171Page - ATMEL Corporation ATtiny25 Datasheet HTML 172Page - ATMEL Corporation ATtiny25 Datasheet HTML 173Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 196 page
background image
169
7598H–AVR–07/09
ATtiny25/45/85
Figure 23-27. I/O Pin Input Hysteresis vs. V
CC
Figure 23-28. Reset Input Threshold Voltage vs. V
CC (VIH, Reset Pin Read As '1')
I/O PIN INPUT HYSTERES IS
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
1.5
2
2.5
3
3.5
4
4.5
5
5.5
V
CC (V)
125 ˚C
85 ˚C
25 ˚C
-40 ˚C
RES ET INP UT THRES HOLD VOLTAGE vs . V CC
VIH, IO PIN READ AS '1'
0
0.5
1
1.5
2
2.5
1.5
2
2.5
3
3.5
4
4.5
5
5.5
V
CC (V)
125 ˚C
85 ˚C
25 ˚C
-40 ˚C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More