Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATmega165-16AI Fiches technique(PDF) 111 Page - ATMEL Corporation

No de pièce ATmega165-16AI
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165-16AI Fiches technique(HTML) 111 Page - ATMEL Corporation

Back Button ATmega165-16AI Datasheet HTML 107Page - ATMEL Corporation ATmega165-16AI Datasheet HTML 108Page - ATMEL Corporation ATmega165-16AI Datasheet HTML 109Page - ATMEL Corporation ATmega165-16AI Datasheet HTML 110Page - ATMEL Corporation ATmega165-16AI Datasheet HTML 111Page - ATMEL Corporation ATmega165-16AI Datasheet HTML 112Page - ATMEL Corporation ATmega165-16AI Datasheet HTML 113Page - ATMEL Corporation ATmega165-16AI Datasheet HTML 114Page - ATMEL Corporation ATmega165-16AI Datasheet HTML 115Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 336 page
background image
111
ATmega165/V
2573G–AVR–07/09
Timer/Counter Timing
Diagrams
The Timer/Counter is a synchronous design and the timer clock (clk
T1) is therefore
shown as a clock enable signal in the following figures. The figures include information
on when Interrupt Flags are set, and when the OCR1x Register is updated with the
OCR1x buffer value (only for modes utilizing double buffering). Figure 49 shows a timing
diagram for the setting of OCF1x.
Figure 49. Timer/Counter Timing Diagram, Setting of OCF1x, no Prescaling
Figure 50 shows the same timing data, but with the prescaler enabled.
Figure 50. Timer/Counter Timing Diagram, Setting of OCF1x, with Prescaler (f
clk_I/O/8)
Figure 51 shows the count sequence close to TOP in various modes. When using phase
and frequency correct PWM mode the OCR1x Register is updated at BOTTOM. The
timing diagrams will be the same, but TOP should be replaced by BOTTOM, TOP-1 by
BOTTOM+1 and so on. The same renaming applies for modes that set the TOV1 Flag
at BOTTOM.
clk
Tn
(clk
I/O/1)
OCFnx
clk
I/O
OCRnx
TCNTn
OCRnx Value
OCRnx - 1
OCRnx
OCRnx + 1
OCRnx + 2
OCFnx
OCRnx
TCNTn
OCRnx Value
OCRnx - 1
OCRnx
OCRnx + 1
OCRnx + 2
clk
I/O
clk
Tn
(clk
I/O/8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More