Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

56F8166 Fiches technique(PDF) 104 Page - Freescale Semiconductor, Inc

No de pièce 56F8166
Description  16-bit Digital Signal Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8166 Fiches technique(HTML) 104 Page - Freescale Semiconductor, Inc

Back Button 56F8166 Datasheet HTML 100Page - Freescale Semiconductor, Inc 56F8166 Datasheet HTML 101Page - Freescale Semiconductor, Inc 56F8166 Datasheet HTML 102Page - Freescale Semiconductor, Inc 56F8166 Datasheet HTML 103Page - Freescale Semiconductor, Inc 56F8166 Datasheet HTML 104Page - Freescale Semiconductor, Inc 56F8166 Datasheet HTML 105Page - Freescale Semiconductor, Inc 56F8166 Datasheet HTML 106Page - Freescale Semiconductor, Inc 56F8166 Datasheet HTML 107Page - Freescale Semiconductor, Inc 56F8166 Datasheet HTML 108Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 182 page
background image
56F8366 Technical Data, Rev. 7
104
Freescale Semiconductor
Preliminary
5.6.10.3 Reload PWM A Interrupt Priority Level (PWMA_RL IPL)—Bits 11–10
This field is used to set the interrupt priority level for IRQs. This IRQ is limited to priorities 0 through 2.
They are disabled by default.
•
00 = IRQ disabled (default)
•
01 = IRQ is priority level 0
•
10 = IRQ is priority level 1
•
11 = IRQ is priority level 2
5.6.10.4 Reload PWM B Interrupt Priority Level (PWMB_RL IPL)—Bits 9–8
This field is used to set the interrupt priority level for IRQs. This IRQ is limited to priorities 0 through 2.
They are disabled by default.
•
00 = IRQ disabled (default)
•
01 = IRQ is priority level 0
•
10 = IRQ is priority level 1
•
11 = IRQ is priority level 2
5.6.10.5 ADC A Zero Crossing or Limit Error Interrupt Priority Level
(ADCA_ZC IPL)—Bits 7–6
This field is used to set the interrupt priority level for IRQs. This IRQ is limited to priorities 0 through 2.
They are disabled by default.
•
00 = IRQ disabled (default)
•
01 = IRQ is priority level 0
•
10 = IRQ is priority level 1
•
11 = IRQ is priority level 2
5.6.10.6 ADC B Zero Crossing or Limit Error Interrupt Priority Level
(ADCB_ZC IPL)—Bits 5–4
This field is used to set the interrupt priority level for IRQs. This IRQ is limited to priorities 0 through 2.
They are disabled by default.
•
00 = IRQ disabled (default)
•
01 = IRQ is priority level 0
•
10 = IRQ is priority level 1
•
11 = IRQ is priority level 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More