Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8378ECVRALDA Fiches technique(PDF) 102 Page - Freescale Semiconductor, Inc

No de pièce MPC8378ECVRALDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8378ECVRALDA Fiches technique(HTML) 102 Page - Freescale Semiconductor, Inc

Back Button MPC8378ECVRALDA Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC8378ECVRALDA Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC8378ECVRALDA Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC8378ECVRALDA Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC8378ECVRALDA Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC8378ECVRALDA Datasheet HTML 103Page - Freescale Semiconductor, Inc MPC8378ECVRALDA Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC8378ECVRALDA Datasheet HTML 105Page - Freescale Semiconductor, Inc MPC8378ECVRALDA Datasheet HTML 106Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 126 page
background image
MPC8378E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
102
Freescale Semiconductor
Package and Pin Listings
L1_SD_REF_CLK
AJ17
I
L1_XPADVDD
—
L1_SD_REF_CLK_B
AH17
I
L1_XPADVDD
—
L1_SD_RXA_N
AJ15
I
L1_XPADVDD
—
L1_SD_RXA_P
AH15
I
L1_XPADVDD
—
L1_SD_RXE_N
AJ19
I
L1_XPADVDD
—
L1_SD_RXE_P
AH19
I
L1_XPADVDD
—
L1_SD_TXA_N
AF15
O
L1_XPADVDD
—
L1_SD_TXA_P
AE15
O
L1_XPADVDD
—
L1_SD_TXE_N
AF18
O
L1_XPADVDD
—
L1_SD_TXE_P
AE18
O
L1_XPADVDD
—
L1_SDAVDD_0
AJ18
SerDes
PLL Power
(1.0 or
1.05 V)
——
L1_SDAVSS_0
AG17
SerDes
PLL GND
——
L1_XCOREVDD
AH14, AJ16, AF17, AH20, AJ20
SerDes
Core Power
(1.0 or
1.05 V)
——
L1_XCOREVSS
AG14, AG15, AG16, AH16, AG18, AG20
SerDes
Core GND
——
L1_XPADVDD
AE16, AF16, AD18, AE19, AF19
SerDes I/O
Power (1.0
or 1.05 V)
——
L1_XPADVSS
AF14, AE17, AF20
SerDes I/O
GND
——
SerDes2 Interface
L2_SD_IMP_CAL_RX
C19
I
L2_XPADVDD
—
L2_SD_IMP_CAL_TX
C15
I
L2_XPADVDD
—
L2_SD_REF_CLK
B17
I
L2_XPADVDD
—
L2_SD_REF_CLK_B
A17
I
L2_XPADVDD
—
L2_SD_RXA_N
A19
I
L2_XPADVDD
—
L2_SD_RXA_P
B19
I
L2_XPADVDD
—
L2_SD_RXE_N
A15
I
L2_XPADVDD
—
L2_SD_RXE_P
B15
I
L2_XPADVDD
—
L2_SD_TXA_N
D18
O
L2_XPADVDD
—
Table 67. TePBGA II Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More