Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MBR20100CT Fiches technique(PDF) 2 Page - Shanghai Lunsure Electronic Tech

No de pièce MBR20100CT
Description  20Amp schottky barrier rectifier 20to100 volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CHENYI [Shanghai Lunsure Electronic Tech]
Site Internet  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

MBR20100CT Fiches technique(HTML) 2 Page - Shanghai Lunsure Electronic Tech

  MBR20100CT Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech MBR20100CT Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MBR2020CT thru MBR20100CT
Instantaneous Reverse Leakage Current - MicroAmperesversus
Percent Of Rated Peak Reverse Voltage - Volts
Average Forward Rectified Current - Amperesversus
Ambient Temperature -
°C
Figure 3
Forward Derating Curve
25
50
100
125
150
0
0
10
12
14
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Amps
°C
75
16
18
20
Instantaneous Forward Current - Amperesversus
Instantaneous Forward Voltage - Volts
Figure 1
Typical Forward Characteristics
Volts
4
6
20
10
Amps
. 2
.7
.3
.4
.5
.6
.01
.02
.04
.06
.1
.2
.4
.6
1
2
25
°C
40
60
100
.8
Figure 2
Typical Reverse Characteristics
Volts
.4
.6
2
1
µAmps
20
150
50
75
100
125
.001
.002
.00
4
.006
.01
.02
.04
.06
.1
.2
4
6
10
175
TA=25
°C
www.cnelectr.com
1
100
4
0
25
50
75
8
Figure 4
Peak Forward Surge Current
Peak Forward Surge Current - Amperesversus
Number Of Cycles At 60Hz - Cycles
Amps
Cycles
2
6
10 20
60 80
40
100
125
150
2080CT-20100CT
2020CT-2045CT
2060CT


Numéro de pièce similaire - MBR20100CT

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MBR20100CT MOTOROLA-MBR20100CT Datasheet
87Kb / 4P
SWITCHMODE??Power Rectifiers
logo
Diodes Incorporated
MBR20100CT DIODES-MBR20100CT Datasheet
64Kb / 2P
20A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30019 Rev. C-2
logo
Micro Commercial Compon...
MBR20100CT MCC-MBR20100CT Datasheet
67Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
International Rectifier
MBR20100CT IRF-MBR20100CT Datasheet
206Kb / 7P
SCHOTTKY RECTIFIER
logo
Vishay Siliconix
MBR20100CT VISHAY-MBR20100CT Datasheet
113Kb / 3P
Dual High-Voltage Schottky Rectifiers
02-Jul-02
More results

Description similaire - MBR20100CT

FabricantNo de pièceFiches techniqueDescription
logo
Shanghai Lunsure Electr...
MBR0520 CHENYI-MBR0520 Datasheet
55Kb / 2P
0.5Amp schottky rectifier 20to100 volts
MBR1020 CHENYI-MBR1020 Datasheet
106Kb / 2P
10Amp schottky barrier rectifier 20to100 volts
MBR1520 CHENYI-MBR1520 Datasheet
74Kb / 2P
15Amp schottky barrier rectifier 20to100 volts
MBR1520CT CHENYI-MBR1520CT Datasheet
85Kb / 2P
15Amp schottky barrier rectifier 20to100 volts
MBR2520CT CHENYI-MBR2520CT Datasheet
218Kb / 2P
25Amp schottky barrier rectifier 20to100 volts
MBRF1020CT CHENYI-MBRF1020CT Datasheet
65Kb / 2P
10Amp schottky barrier rectifier 20to100 volts
MBRX0520 CHENYI-MBRX0520 Datasheet
65Kb / 3P
0.5Amp schottky rectifier 20to100 volts
MBRX02520 CHENYI-MBRX02520 Datasheet
90Kb / 3P
0.25Amp schottky barrier rectifier 20to100 volts
MS820 CHENYI-MS820 Datasheet
56Kb / 3P
8Amp schottky barrier rectifier 20to100 volts
logo
Cystech Electonics Corp...
MBR20100AE3 CYSTEKEC-MBR20100AE3 Datasheet
193Kb / 5P
20Amp. Schottky Barrier Rectifiers
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com