Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32W108CB Fiches technique(PDF) 150 Page - STMicroelectronics

No de pièce STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Fiches technique(HTML) 150 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 146Page - STMicroelectronics STM32W108CB Datasheet HTML 147Page - STMicroelectronics STM32W108CB Datasheet HTML 148Page - STMicroelectronics STM32W108CB Datasheet HTML 149Page - STMicroelectronics STM32W108CB Datasheet HTML 150Page - STMicroelectronics STM32W108CB Datasheet HTML 151Page - STMicroelectronics STM32W108CB Datasheet HTML 152Page - STMicroelectronics STM32W108CB Datasheet HTML 153Page - STMicroelectronics STM32W108CB Datasheet HTML 154Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 179 page
background image
Interrupts
STM32W108CB, STM32W108HB
150/179
Doc ID 16252 Rev 2
10.3.3
Top-level set interrupts pending register (INT_PENDSET)
Address offset: 0x0200
Reset value:
0x0000 0000
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
INT_I
RQD
INT_I
RQC
INT_I
RQB
INT_I
RQA
INT_A
DC
INT_M
ACRX
INT_M
ACTX
INT_M
ACTM
R
INT_S
EC
INT_S
C2
INT_SC
1
INT_S
LEEP
TMR
INT_B
B
INT_M
GMT
INT_TI
M2
INT_TI
M1
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
[16]
INT_DEBUG: Write 1 to disable debug interrupt. (Writing 0 has no effect.)
[15]
INT_IRQD: Write 1 to disable IRQD interrupt. (Writing 0 has no effect.)
[14]
INT_IRQC: Write 1 to disable IRQC interrupt. (Writing 0 has no effect.)
[13]
INT_IRQB: Write 1 to disable IRQB interrupt. (Writing 0 has no effect.)
[12]
INT_IRQA: Write 1 to disable IRQA interrupt. (Writing 0 has no effect.)
[11]
INT_ADC: Write 1 to disable ADC interrupt. (Writing 0 has no effect.)
[10]
INT_MACRX: Write 1 to disable MAC receive interrupt. (Writing 0 has no effect.)
[9]
INT_MACTX: Write 1 to disable MAC transmit interrupt. (Writing 0 has no effect.)
[8]
INT_MACTMR: Write 1 to disable MAC timer interrupt. (Writing 0 has no effect.)
[7]
INT_SEC: Write 1 to disable security interrupt. (Writing 0 has no effect.)
[6]
INT_SC2: Write 1 to disable serial controller 2 interrupt. (Writing 0 has no effect.)
[5]
INT_SC1: Write 1 to disable serial controller 1 interrupt. (Writing 0 has no effect.)
[4]
INT_SLEEPTMR: Write 1 to disable sleep timer interrupt. (Writing 0 has no effect.)
[3]
INT_BB: Write 1 to disable baseband interrupt. (Writing 0 has no effect.)
[2]
INT_MGMT: Write 1 to disable management interrupt. (Writing 0 has no effect.)
[1]
INT_TIM2: Write 1 to disable timer 2 interrupt. (Writing 0 has no effect.)
[0]
INT_TIM1: Write 1 to disable timer 1 interrupt. (Writing 0 has no effect.)
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
INT_D
EBUG
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
INT_I
RQD
INT_I
RQC
INT_I
RQB
INT_I
RQA
INT_A
DC
INT_M
ACRX
INT_M
ACTX
INT_M
ACTM
R
INT_S
EC
INT_S
C2
INT_SC
1
INT_S
LEEP
TMR
INT_B
B
INT_M
GMT
INT_TI
M2
INT_TI
M1
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More