| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32W108CB Fiches technique(PDF) 142 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32W108CB Fiches technique(HTML) 142 Page - STMicroelectronics |
|
142 / 179 page ![]() Analog-to-digital converter STM32W108CB, STM32W108HB 142/179 Doc ID 16252 Rev 2 9.3.10 ADC interrupt flag register (INT_ADCFLAG) Address offset: 0xA810 Reset value: 0x0000 0000 9.3.11 ADC interrupt configuration register (INT_ADCCFG) Address offset: 0xA850 Reset value: 0x0000 0000 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 rw rw rw rw rw rw rw rw rw rw rw rw rw rw rw rw 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 INT_A DCOV F INT_A DCSAT INT_A DCUL DFULL INT_A DCUL DHALF ST Re- served rw rw rw rw rw rw rw rw rw rw rw rw rw rw rw rw [4] INT_ADCOVF: DMA buffer overflow interrupt pending. [3] INT_ADCSAT: Gain correction saturation interrupt pending. [2] INT_ADCULDFULL: DMA buffer full interrupt pending. [1] INT_ADCULDHALF: DMA buffer half full interrupt pending. [0] Reserved: this bit should always be set to 1. 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 rw rw rw rw rw rw rw rw rw rw rw rw rw rw rw rw 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 INT_A DCOV F INT_A DCSAT INT_A DCUL DFULL INT_A DCUL DHALF ST Re- served rw rw rw rw rw rw rw rw rw rw rw rw rw rw rw rw [4] INT_ADCOVF: DMA buffer overflow interrupt enable. [3] INT_ADCSAT: Gain correction saturation interrupt enable. [2] INT_ADCULDFULL: DMA buffer full interrupt enable. [1] INT_ADCULDHALF: DMA buffer half full interrupt enable. [0] Reserved: this bit must always be set to 0. |