Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST7263BDx Fiches technique(PDF) 124 Page - STMicroelectronics

No de pièce ST7263BDx
Description  Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I²C
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BDx Fiches technique(HTML) 124 Page - STMicroelectronics

Back Button ST7263BDx Datasheet HTML 120Page - STMicroelectronics ST7263BDx Datasheet HTML 121Page - STMicroelectronics ST7263BDx Datasheet HTML 122Page - STMicroelectronics ST7263BDx Datasheet HTML 123Page - STMicroelectronics ST7263BDx Datasheet HTML 124Page - STMicroelectronics ST7263BDx Datasheet HTML 125Page - STMicroelectronics ST7263BDx Datasheet HTML 126Page - STMicroelectronics ST7263BDx Datasheet HTML 127Page - STMicroelectronics ST7263BDx Datasheet HTML 128Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 186 page
background image
On-chip peripherals
ST7263Bxx
124/186
Doc ID 7516 Rev 8
Note:
Refer to Section 16: Known limitations for information regarding a limitation on the alternate
function on pin PA2 (SCL).
Table 43.
I²C register map
Address
(Hex.)
Register
name
76
5
4
3
210
39
DR
DR7 .. DR0
3B
OAR
ADD7 .. ADD0
3C
CCR
FM/SM
CC6 .. CC0
3D
SR2
AF
STOPF
ARLO
BERR
GCAL
3E
SR1
EVF
TRA
BUSY
BTF
ADSL
M/SL
SB
3F
CR
PE
ENGC
START
ACK
STOP
ITE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More