Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST7263BHx Fiches technique(PDF) 183 Page - STMicroelectronics

No de pièce ST7263BHx
Description  Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I²C
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BHx Fiches technique(HTML) 183 Page - STMicroelectronics

Back Button ST7263BHx Datasheet HTML 178Page - STMicroelectronics ST7263BHx Datasheet HTML 179Page - STMicroelectronics ST7263BHx Datasheet HTML 180Page - STMicroelectronics ST7263BHx Datasheet HTML 181Page - STMicroelectronics ST7263BHx Datasheet HTML 182Page - STMicroelectronics ST7263BHx Datasheet HTML 183Page - STMicroelectronics ST7263BHx Datasheet HTML 184Page - STMicroelectronics ST7263BHx Datasheet HTML 185Page - STMicroelectronics ST7263BHx Datasheet HTML 186Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 183 / 186 page
background image
ST7263Bxx
Known limitations
Doc ID 7516 Rev 8
183/186
Figure 85.
Identifying silicon revision from device marking and box label
Bulk ID
Marking
Trace code
Total Qty
TYPE
XXXXXXXXXXXX
XXXXXXXXXX
B
XXXXXXXXX
XX XX
XX
xxxxxxxxxxx$x7
ST7xxxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx
1. Identify the silicon revision letter from either the device package or the box label.
For example, “B”, etc.
2. If the revision letter is not present, obtain the silicon revision by contacting your local
ST office with the trace code information printed on either the box label or the device
Device package (SO34 shown)
Example box label
The silicon revision can be identified either by Rev letter or obtained via a trace code.
Silicon Rev
Trace code
Silicon Rev



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More