Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SJ7805 Fiches technique(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

No de pièce SJ7805
Description  Positive Voltage Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SECOS [SeCoS Halbleitertechnologie GmbH]
Site Internet  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SJ7805 Fiches technique(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SJ7805 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SJ7805 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SJ7805 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SJ7805 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SJ7805 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SJ7805 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Input Voltage
1
-55~+150
Output Current
Storage Temperature Range
Tj, Tstg
Thermal Resistance Junction-Air
IO
C
C
o
o
Operating Junction And
Parameter
Symbol
Ratings
Unit
V
A
VIN
35
Absolute Maximum Ratings
W/
SJ7805~18
SJ7824
40
V
VIN
Thermal Resistance Junction-Cases
R
θJA
R
θJC
125
12.5
C
o
W/
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 1 of 6
Description
The SJ78XX series of fixed-voltage monolithic intergrated-
circuit voltage regulators designed for a wide range of
applications. These applications include on-card regulation
for elimination of noise and distribution problems associated
with single-point regulation. Each of these regulators can
deliver up to 1A of output current. The internal current limiting
and thermal shutdown features of there trgulators make
them essentially immune to overload.
Features
*5V,6V,8V,9V,10V,12V,15V,18V,24V Output Voltage Available
*Output Transistor Safe-Area Compensation
*No External Components
*Internal Thermal Overload Protection
*Internal Short-Circuit Current Limiting
*High Power Dissipation Capability
Elektronische Bauelemente
SJ78XX
3-Terminal
Positive Voltage Regulator
250
-0.6
1.8
_
_
_
_
_
0.5
40
2
uA
VN
_
80
_
_
_
8
mV
C
o
mV
mA
_
_
_
_
ISC
VO/
o
VD
VO
4.85
V
RR
VIN=10V,IO=500mA,Tj=25
7.5V
_
_
Symbol
Max.
Typ.
Test Condition
Min.
Unit
SJ7805 (Refer to the test circuits,Tj=0~125 C, IO=500mA, VIN=10V, CIN=0.33uF, CO=0.1uF unless otherwise specified)
4.75
5
5.15
5.25
VO
(Line Regulation)
VO
(Load Regulation)
1
_
3
50
25
_
100
50
8V
VIN 12V,IO=500mA
5mA IO
1A,
7V
VIN 25V,IO=500mA,
IQ
IQ
mA
1.3
_
_
7V
VIN 25V,IO=500mA
dB
_
_
V
IPK
Tj
mA
mA
mV/ C
o
Tj=25
A-Rank
(3%)
B-Rank
(5%)
_
_
_
_
VIN=35V,
IO=5mA,0 C
o
Tj 25 C
o
10Hz f
100Hz,
8V
VIN 18V,f=120Hz,
Electrical Characteristics
C
o
VIN 20V, 5mA IO 1A,PD
15W
Tj=25 C
o
, Tj=25C
o
VIN=10V,
Tj=25C
o
250mA IO 750mA,
VIN=10V,
Tj=25 C
o
VIN=10V,IO=500mA,Tj=25 C
o
5mA IO
1A
VIN=10V,
Tj=25C
o
Tj=25C
o
Tj=25C
o
≤ ≤
Io=1A,
C
o
Tj=25
TO-252
REF.
Min.
Max.
REF.
Min.
Max.
A
6.40
6.80
G
0.50
0.70
B
5.20
5.50
H
2.20
2.40
C
6.80
7.20
J
0.45
0.55
D
2.20
2.80
K
0
0.15
E
2.30 REF.
L
0.90
1.50
F
0.70
0.90
M
5.40
5.80
S
0.60
0.90
R
0.80
1.20
Millmeter
Millmeter


Numéro de pièce similaire - SJ7805

FabricantNo de pièceFiches techniqueDescription
logo
SeCoS Halbleitertechnol...
SJ7805-B SECOS-SJ7805-B Datasheet
200Kb / 3P
3-Terminal Positive Voltage Regulator
SJ7805-B SECOS-SJ7805-B_15 Datasheet
200Kb / 3P
Positive Voltage Regulator
More results

Description similaire - SJ7805

FabricantNo de pièceFiches techniqueDescription
logo
SeCoS Halbleitertechnol...
SL2136 SECOS-SL2136 Datasheet
614Kb / 4P
Positive Voltage Regulator
SSC2146 SECOS-SSC2146 Datasheet
979Kb / 5P
Positive Voltage Regulator
logo
Weitron Technology
WT78LXX WEITRON-WT78LXX Datasheet
1Mb / 10P
Positive Voltage Regulator
WT78LXXK WEITRON-WT78LXXK Datasheet
900Kb / 7P
Positive Voltage Regulator
logo
Unisonic Technologies
UR6225 UTC-UR6225_11 Datasheet
467Kb / 15P
POSITIVE VOLTAGE REGULATOR
logo
Estek Electronics Co. L...
ET-78DXX ESTEK-ET-78DXX Datasheet
478Kb / 9P
Positive-Voltage Regulator
ET-78MXX ESTEK-ET-78MXX Datasheet
609Kb / 11P
Positive-Voltage Regulator
logo
SeCoS Halbleitertechnol...
SE78XX SECOS-SE78XX_15 Datasheet
422Kb / 5P
Positive Voltage Regulator
SJ78M09 SECOS-SJ78M09_15 Datasheet
85Kb / 2P
Positive Voltage Regulator
SU78XX-B SECOS-SU78XX-B_15 Datasheet
534Kb / 4P
Positive Voltage Regulator
logo
Unisonic Technologies
UR6225 UTC-UR6225_18 Datasheet
409Kb / 15P
POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com