Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

E787250VGS222MT41C Fiches technique(PDF) 7 Page - United Chemi-Con, Inc.

No de pièce E787250VGS222MT41C
Description  Large Tubulars
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CHEMI-CON [United Chemi-Con, Inc.]
Site Internet  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

E787250VGS222MT41C Fiches technique(HTML) 7 Page - United Chemi-Con, Inc.

  E787250VGS222MT41C Datasheet HTML 1Page - United Chemi-Con, Inc. E787250VGS222MT41C Datasheet HTML 2Page - United Chemi-Con, Inc. E787250VGS222MT41C Datasheet HTML 3Page - United Chemi-Con, Inc. E787250VGS222MT41C Datasheet HTML 4Page - United Chemi-Con, Inc. E787250VGS222MT41C Datasheet HTML 5Page - United Chemi-Con, Inc. E787250VGS222MT41C Datasheet HTML 6Page - United Chemi-Con, Inc. E787250VGS222MT41C Datasheet HTML 7Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
63 Volts
79 Volts Surge
80 Volts
100 Volts Surge
U787D Series
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
7/ 7
Engineering Bulletin Mar 07
270
E787630VGS271MT29C
0.750
1.125
T29
105.0
147.0
4.2
470
E787630VGS471MT35C
0.750
1.375
T35
88.0
123.0
5.1
560
E787630VGS561MT41C
0.750
1.625
T41
70.0
98.0
6.0
820
E787630VGS821MT54C
0.750
2.125
T54
51.8
72.8
7.8
1,200
E787630VGS122MT67C
0.750
2.625
T67
32.2
45.2
9.0
1,500
E787630VGS152MT79C
0.750
3.125
T79
24.9
35.0
9.6
390
E787630VGS391MP29C
0.875
1.125
P29
69.0
96.6
5.8
680
E787630VGS681MP35C
0.875
1.375
P35
52.7
73.8
7.1
820
E787630VGS821MP41C
0.875
1.625
P41
36.4
51.0
8.4
1,200
E787630VGS122MP54C
0.875
2.125
P54
28.0
39.2
10.8
1,800
E787630VGS182MP67C
0.875
2.625
P67
20.3
28.4
12.4
2,200
E787630VGS222MP79C
0.875
3.125
P79
15.8
22.1
13.2
560
E787630VGS561MQ29C
1.000
1.125
Q29
53.1
74.2
6.6
1,000
E787630VGS102MQ35C
1.000
1.375
Q35
41.0
57.4
8.2
1,200
E787630VGS122MQ41C
1.000
1.625
Q41
28.8
40.6
9.8
1,800
E787630VGS182MQ54C
1.000
2.125
Q54
22.4
31.4
12.6
2,700
E787630VGS272MQ67C
1.000
2.625
Q67
17.9
25.1
14.4
3,300
E787630VGS332MQ79C
1.000
3.125
Q79
14.0
19.6
15.4
3,900
E787630VGS392MQ92C
1.000
3.625
Q92
11.8
16.8
18.0
180
E787800VGS181MT29C
0.750
1.125
T29
117.0
161.7
4.0
270
E787800VGS271MT35C
0.750
1.375
T35
98.2
135.3
4.8
390
E787800VGS391MT41C
0.750
1.625
T41
78.0
107.8
5.7
560
E787800VGS561MT54C
0.750
2.125
T54
57.8
80.1
7.4
820
E787800VGS821MT67C
0.750
2.625
T67
35.9
49.7
8.5
1,000
E787800VGS102MT79C
0.750
3.125
T79
27.8
38.5
9.1
270
E787800VGS271MP29C
0.875
1.125
P29
77.0
106.3
5.5
470
E787800VGS471MP35C
0.875
1.375
P35
59.0
81.2
6.7
560
E787800VGS561MP41C
0.875
1.625
P41
40.6
56.1
8.0
820
E787800VGS821MP54C
0.875
2.125
P54
31.0
43.1
10.2
1,200
E787800VGS122MP67C
0.875
2.625
P67
22.5
31.2
11.7
1,500
E787800VGS152MP79C
0.875
3.125
P79
17.4
24.3
12.5
390
E787800VGS391MQ29C
1.000
1.125
Q29
59.3
81.6
6.2
680
E787800VGS681MQ35C
1.000
1.375
Q35
45.6
63.1
7.7
820
E787800VGS821MQ41C
1.000
1.625
Q41
32.1
44.7
9.3
1,200
E787800VGS122MQ54C
1.000
2.125
Q54
25.0
34.5
11.9
1,800
E787800VGS182MQ67C
1.000
2.625
Q67
20.0
27.6
13.6
2,200
E787800VGS222MQ79C
1.000
3.125
Q79
15.6
21.6
14.6
2,700
E787800VGS272MQ92C
1.000
3.625
Q92
13.2
18.5
17.0
Standard Voltage Ratings - Large Tubulars
Rated
Voltage
(WVDC)
Capacitance
(µF )
Global
Part Number
Nominal
Case Size*
D
L (inches)
Case
Size
Code
Rated
Ripple Current
(A rms) at
125 C, 20kHz
Maximum
Impedance
(m
Ω) at
25 C, 100kHz
Maximum
ESR
(m
Ω) at 25 C
20k-100kHz
For terminal and construction options, refer to the part numbering system for descriptions and codes.
* Refer to diagram of dimensions for detailed case size specifications.


Numéro de pièce similaire - E787250VGS222MT41C

FabricantNo de pièceFiches techniqueDescription
logo
Gilway Technical Lamp
E78 GILWAY-E78 Datasheet
1,012Kb / 8P
Engineering Catalog 169
logo
ZF Friedrichshafen AG
E78 ZFSWITCHES-E78 Datasheet
365Kb / 3P
PANEL MOUNT PUSHBUTTON - DOUBLE POLE
logo
Semtech Corporation
E7802 SEMTECH-E7802 Datasheet
574Kb / 22P
Low Cost, Dual-Channel, 15V Pin Electronics Driver/Window Comparator
E7802ALPT SEMTECH-E7802ALPT Datasheet
574Kb / 22P
Low Cost, Dual-Channel, 15V Pin Electronics Driver/Window Comparator
E7802ALPT-T SEMTECH-E7802ALPT-T Datasheet
574Kb / 22P
Low Cost, Dual-Channel, 15V Pin Electronics Driver/Window Comparator
More results

Description similaire - E787250VGS222MT41C

FabricantNo de pièceFiches techniqueDescription
logo
United Chemi-Con, Inc.
E7676R3VGS392MT29C CHEMI-CON-E7676R3VGS392MT29C Datasheet
139Kb / 8P
Large Tubulars
E32F351CPN CHEMI-CON-E32F351CPN Datasheet
129Kb / 9P
Large Can
E32F421HPN CHEMI-CON-E32F421HPN Datasheet
129Kb / 9P
Large Can
E36D251HPN CHEMI-CON-E36D251HPN Datasheet
143Kb / 13P
Large Can
E36D501HPN CHEMI-CON-E36D501HPN Datasheet
143Kb / 13P
Large Can
E36D800HPN CHEMI-CON-E36D800HPN Datasheet
143Kb / 13P
Large Can
E36F451CPN CHEMI-CON-E36F451CPN Datasheet
127Kb / 9P
Large Can
E36L351HPN CHEMI-CON-E36L351HPN Datasheet
130Kb / 9P
Large Can
E36L421CPN CHEMI-CON-E36L421CPN Datasheet
130Kb / 9P
Large Can
E37L421CPN CHEMI-CON-E37L421CPN Datasheet
204Kb / 7P
Large Can
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com