Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AX2000-1CS896B Fiches technique(PDF) 200 Page - Actel Corporation

No de pièce AX2000-1CS896B
Description  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACTEL [Actel Corporation]
Site Internet  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CS896B Fiches technique(HTML) 200 Page - Actel Corporation

Back Button AX2000-1CS896B Datasheet HTML 196Page - Actel Corporation AX2000-1CS896B Datasheet HTML 197Page - Actel Corporation AX2000-1CS896B Datasheet HTML 198Page - Actel Corporation AX2000-1CS896B Datasheet HTML 199Page - Actel Corporation AX2000-1CS896B Datasheet HTML 200Page - Actel Corporation AX2000-1CS896B Datasheet HTML 201Page - Actel Corporation AX2000-1CS896B Datasheet HTML 202Page - Actel Corporation AX2000-1CS896B Datasheet HTML 203Page - Actel Corporation AX2000-1CS896B Datasheet HTML 204Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 226 page
background image
Axcelerator Family FPGAs
3- 94
v2.7
IO151PB7F14
31
IO152NB7F14
34
IO152PB7F14
35
IO153NB7F14
28
IO153PB7F14
29
IO155NB7F14
24
IO155PB7F14
25
IO157NB7F14
22
IO157PB7F14
23
IO159NB7F15
16
IO159PB7F15
17
IO160NB7F15
18
IO160PB7F15
19
IO161NB7F15
12
IO161PB7F15
13
IO163NB7F15
10
IO163PB7F15
11
IO165NB7F15
6
IO165PB7F15
7
IO167NB7F15
4
IO167PB7F15
5
Dedicated I/O
GND
1
GND
9
GND
15
GND
21
GND
27
GND
33
GND
39
GND
45
GND
51
GND
57
GND
63
GND
69
GND
75
GND
81
GND
88
352-Pin CQFP
AX500 Function
Pin #
GND
89
GND
97
GND
103
GND
109
GND
115
GND
121
GND
133
GND
145
GND
151
GND
157
GND
163
GND
169
GND
176
GND
177
GND
186
GND
192
GND
198
GND
204
GND
210
GND
216
GND
222
GND
228
GND
234
GND
240
GND
246
GND
252
GND
258
GND
264
GND
265
GND
274
GND
280
GND
286
GND
292
GND
298
GND
310
GND
322
GND
330
352-Pin CQFP
AX500 Function
Pin #
GND
334
GND
340
GND
345
GND/LP
352
NC
91
NC
117
NC
130
NC
131
NC
148
NC
174
NC
268
NC
294
NC
307
NC
308
NC
327
NC
328
PRA
312
PRB
311
PRC
135
PRD
134
TCK
349
TDI
348
TDO
347
TMS
350
TRST
351
VCCA
3
VCCA
14
VCCA
32
VCCA
56
VCCA
74
VCCA
87
VCCA
102
VCCA
114
VCCA
150
VCCA
162
VCCA
175
VCCA
191
352-Pin CQFP
AX500 Function
Pin #



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More