Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AX2000-1CS896B Fiches technique(PDF) 171 Page - Actel Corporation

No de pièce AX2000-1CS896B
Description  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACTEL [Actel Corporation]
Site Internet  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CS896B Fiches technique(HTML) 171 Page - Actel Corporation

Back Button AX2000-1CS896B Datasheet HTML 167Page - Actel Corporation AX2000-1CS896B Datasheet HTML 168Page - Actel Corporation AX2000-1CS896B Datasheet HTML 169Page - Actel Corporation AX2000-1CS896B Datasheet HTML 170Page - Actel Corporation AX2000-1CS896B Datasheet HTML 171Page - Actel Corporation AX2000-1CS896B Datasheet HTML 172Page - Actel Corporation AX2000-1CS896B Datasheet HTML 173Page - Actel Corporation AX2000-1CS896B Datasheet HTML 174Page - Actel Corporation AX2000-1CS896B Datasheet HTML 175Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 226 page
background image
Axcelerator Family FPGAs
v2.7
3-65
GND
U16
GND
U17
GND
U18
GND
U19
GND
V1
GND
V12
GND
V13
GND
V14
GND
V15
GND
V16
GND
V17
GND
V18
GND
V19
GND
V30
GND
W12
GND
W13
GND
W14
GND
W15
GND
W16
GND
W17
GND
W18
GND
W19
GND
Y11
GND
Y20
GND/LP
E4
PRA
G15
PRB
D16
PRC
AB16
PRD
AF16
TCK
G7
TDI
D5
TDO
J8
TMS
F6
TRST
C4
896-Pin FBGA
AX2000 Function
Pin Number
* Not routed on the same package layer
and to adjacent LGA pads as its differential
pair complement. Recommended to be
used as a single-ended I/O.
VCCA
AD6
VCCA
AH26
VCCA
E28
VCCA
E3
VCCA
L12
VCCA
L13
VCCA
L14
VCCA
L15
VCCA
L16
VCCA
L17
VCCA
L18
VCCA
L19
VCCA
M11
VCCA
M20
VCCA
N11
VCCA
N20
VCCA
P11
VCCA
P20
VCCA
R11
VCCA
R20
VCCA
T11
VCCA
T20
VCCA
U11
VCCA
U20
VCCA
V11
VCCA
V20
VCCA
W11
VCCA
W20
VCCA
Y12
VCCA
Y13
VCCA
Y14
VCCA
Y15
VCCA
Y16
VCCA
Y17
896-Pin FBGA
AX2000 Function
Pin Number
* Not routed on the same package layer
and to adjacent LGA pads as its differential
pair complement. Recommended to be
used as a single-ended I/O.
VCCA
Y18
VCCA
Y19
VCCDA
AD24
VCCDA
AD7
VCCDA
AE15
VCCDA
AE16
VCCDA
AF12
VCCDA
AF13
VCCDA
AF15
VCCDA
AF18
VCCDA
AF19
VCCDA
AH27
VCCDA
AH4
VCCDA
C13
VCCDA
C27
VCCDA
C5
VCCDA
D13
VCCDA
D19
VCCDA
D3
VCCDA
E18
VCCDA
F15
VCCDA
F16
VCCDA
F26
VCCDA
G16
VCCDA
T25
VCCDA
T4
VCCIB0
A3
VCCIB0
B3
VCCIB0
J10
VCCIB0
J11
VCCIB0
J12
VCCIB0
K11
VCCIB0
K12
VCCIB0
K13
896-Pin FBGA
AX2000 Function
Pin Number
* Not routed on the same package layer
and to adjacent LGA pads as its differential
pair complement. Recommended to be
used as a single-ended I/O.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More