Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AX2000-1CS896B Fiches technique(PDF) 160 Page - Actel Corporation

No de pièce AX2000-1CS896B
Description  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACTEL [Actel Corporation]
Site Internet  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CS896B Fiches technique(HTML) 160 Page - Actel Corporation

Back Button AX2000-1CS896B Datasheet HTML 156Page - Actel Corporation AX2000-1CS896B Datasheet HTML 157Page - Actel Corporation AX2000-1CS896B Datasheet HTML 158Page - Actel Corporation AX2000-1CS896B Datasheet HTML 159Page - Actel Corporation AX2000-1CS896B Datasheet HTML 160Page - Actel Corporation AX2000-1CS896B Datasheet HTML 161Page - Actel Corporation AX2000-1CS896B Datasheet HTML 162Page - Actel Corporation AX2000-1CS896B Datasheet HTML 163Page - Actel Corporation AX2000-1CS896B Datasheet HTML 164Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 226 page
background image
Axcelerator Family FPGAs
3- 54
v2.7
IO224PB6F20
T2
Bank 7
IO225NB7F21
R7
IO225PB7F21
R6
IO226NB7F21
R4
IO226PB7F21
R5
IO227NB7F21
R8
IO227PB7F21
R9
IO228NB7F21
P1
IO228PB7F21
R1
IO229NB7F21
P9
IO229PB7F21
P8
IO230NB7F21
N2
IO230PB7F21
P2
IO231NB7F21
P7
IO231PB7F21
P6
IO232NB7F21
N3
IO232PB7F21
P3
IO233NB7F21
P4
IO233PB7F21
P5
IO234NB7F21
L1
IO234PB7F21
M1
IO235NB7F21
M4
IO235PB7F21
N4
IO236NB7F22
N7
IO236PB7F22
N6
IO237NB7F22
N8
IO237PB7F22
N9
IO238NB7F22
M5
IO238PB7F22
N5
IO239NB7F22
L2
IO239PB7F22
M2
IO240NB7F22
L3
IO240PB7F22
M3
IO241NB7F22
M8
IO241PB7F22
M7
IO242NB7F22
K4
IO242PB7F22
L4
896-Pin FBGA
AX1000 Function
Pin Number
IO243NB7F22
L6
IO243PB7F22
M6
IO244NB7F22
K5
IO244PB7F22
L5
IO245NB7F22
J4
IO245PB7F22
J3
IO246NB7F22
G2
IO246PB7F22
H2
IO247NB7F23
L8
IO247PB7F23
L7
IO248NB7F23
G3
IO248PB7F23
H3
IO249NB7F23
G4
IO249PB7F23
H4
IO250NB7F23
J6
IO250PB7F23
K6
IO251NB7F23
H5
IO251PB7F23
J5
IO252NB7F23
F2
IO252PB7F23
F1
IO253NB7F23
K8
IO253PB7F23
K7
IO254NB7F23
F4
IO254PB7F23
F3
IO255NB7F23
G6
IO255PB7F23
H6
IO256NB7F23
F5
IO256PB7F23
G5
IO257NB7F23
H7
IO257PB7F23
J7
Dedicated I/O
GND
A13
GND
A18
GND
A2
GND
A23
GND
A29
GND
A8
GND
AA10
896-Pin FBGA
AX1000 Function
Pin Number
GND
AA21
GND
AA28
GND
AA3
GND
AB2
GND
AB22
GND
AB29
GND
AB9
GND
AC1
GND
AC30
GND
AE25
GND
AE6
GND
AF26
GND
AF5
GND
AG27
GND
AG4
GND
AH10
GND
AH15
GND
AH16
GND
AH21
GND
AH28
GND
AH3
GND
AJ1
GND
AJ2
GND
AJ22
GND
AJ29
GND
AJ30
GND
AJ9
GND
AK13
GND
AK18
GND
AK2
GND
AK23
GND
AK29
GND
AK8
GND
B1
GND
B2
GND
B22
GND
B29
GND
B30
896-Pin FBGA
AX1000 Function
Pin Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More