Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AX2000-1CS896B Fiches technique(PDF) 154 Page - Actel Corporation

No de pièce AX2000-1CS896B
Description  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACTEL [Actel Corporation]
Site Internet  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CS896B Fiches technique(HTML) 154 Page - Actel Corporation

Back Button AX2000-1CS896B Datasheet HTML 150Page - Actel Corporation AX2000-1CS896B Datasheet HTML 151Page - Actel Corporation AX2000-1CS896B Datasheet HTML 152Page - Actel Corporation AX2000-1CS896B Datasheet HTML 153Page - Actel Corporation AX2000-1CS896B Datasheet HTML 154Page - Actel Corporation AX2000-1CS896B Datasheet HTML 155Page - Actel Corporation AX2000-1CS896B Datasheet HTML 156Page - Actel Corporation AX2000-1CS896B Datasheet HTML 157Page - Actel Corporation AX2000-1CS896B Datasheet HTML 158Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 226 page
background image
Axcelerator Family FPGAs
3- 48
v2.7
VCCA
V16
VCCA
V17
VCCPLA
E12
VCCPLB
F13
VCCPLC
E15
VCCPLD
G14
VCCPLE
AF15
VCCPLF
AA14
VCCPLG
AF12
VCCPLH
AB13
VCCDA
A11
VCCDA
A3
VCCDA
AB22
VCCDA
AB5
VCCDA
AD10
VCCDA
AD11
VCCDA
AD13
VCCDA
AD16
VCCDA
AD17
VCCDA
B1
VCCDA
B11
VCCDA
B17
VCCDA
C16
VCCDA
D24
VCCDA
E14
VCCDA
P2
VCCDA
P23
VCCIB0
G10
VCCIB0
G8
VCCIB0
G9
VCCIB0
H10
VCCIB0
H11
VCCIB0
H12
VCCIB0
H13
VCCIB0
H9
VCCIB1
G17
VCCIB1
G18
VCCIB1
G19
VCCIB1
H14
676-Pin FBGA
AX1000 Function
Pin Number
VCCIB1
H15
VCCIB1
H16
VCCIB1
H17
VCCIB1
H18
VCCIB2
H20
VCCIB2
J19
VCCIB2
J20
VCCIB2
K19
VCCIB2
K20
VCCIB2
L19
VCCIB2
M19
VCCIB2
N19
VCCIB3
P19
VCCIB3
R19
VCCIB3
T19
VCCIB3
U19
VCCIB3
U20
VCCIB3
V19
VCCIB3
V20
VCCIB3
W20
VCCIB4
W14
VCCIB4
W15
VCCIB4
W16
VCCIB4
W17
VCCIB4
W18
VCCIB4
Y17
VCCIB4
Y18
VCCIB4
Y19
VCCIB5
W10
VCCIB5
W11
VCCIB5
W12
VCCIB5
W13
VCCIB5
W9
VCCIB5
Y10
VCCIB5
Y8
VCCIB5
Y9
VCCIB6
P8
VCCIB6
R8
VCCIB6
T8
676-Pin FBGA
AX1000 Function
Pin Number
VCCIB6
U7
VCCIB6
U8
VCCIB6
V7
VCCIB6
V8
VCCIB6
W7
VCCIB7
H7
VCCIB7
J7
VCCIB7
J8
VCCIB7
K7
VCCIB7
K8
VCCIB7
L8
VCCIB7
M8
VCCIB7
N8
VCOMPLA
D12
VCOMPLB
G13
VCOMPLC
D15
VCOMPLD
F14
VCOMPLE
AD15
VCOMPLF
AB14
VCOMPLG
AD12
VCOMPLH
Y13
VPUMP
E22
676-Pin FBGA
AX1000 Function
Pin Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More