Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AX2000-1CS896B Fiches technique(PDF) 123 Page - Actel Corporation

No de pièce AX2000-1CS896B
Description  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACTEL [Actel Corporation]
Site Internet  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CS896B Fiches technique(HTML) 123 Page - Actel Corporation

Back Button AX2000-1CS896B Datasheet HTML 119Page - Actel Corporation AX2000-1CS896B Datasheet HTML 120Page - Actel Corporation AX2000-1CS896B Datasheet HTML 121Page - Actel Corporation AX2000-1CS896B Datasheet HTML 122Page - Actel Corporation AX2000-1CS896B Datasheet HTML 123Page - Actel Corporation AX2000-1CS896B Datasheet HTML 124Page - Actel Corporation AX2000-1CS896B Datasheet HTML 125Page - Actel Corporation AX2000-1CS896B Datasheet HTML 126Page - Actel Corporation AX2000-1CS896B Datasheet HTML 127Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 226 page
background image
Axcelerator Family FPGAs
v2.7
3-17
TDO
C4
TMS
C3
TRST
C5
VCCA
D14
VCCA
F10
VCCA
F4
VCCA
F7
VCCA
F8
VCCA
F9
VCCA
G11
VCCA
G6
VCCA
H11
VCCA
H6
VCCA
J11
VCCA
J6
VCCA
K11
VCCA
K6
VCCA
L10
VCCA
L7
VCCA
L8
VCCA
L9
VCCA
N3
VCCA
P14
VCCPLA
C7
VCCPLB
D6
VCCPLC
A10
VCCPLD
D10
VCCPLE
P10
VCCPLF
N11
VCCPLG
T7
VCCPLH
N7
VCCDA
A11
VCCDA
A2
VCCDA
C13
VCCDA
D9
VCCDA
H1
VCCDA
J15
VCCDA
N14
256-Pin FBGA
AX250 Function
Pin Number
VCCDA
N8
VCCDA
P4
VCCDA
R11
VCCDA
R5
VCCIB0
E6
VCCIB0
E7
VCCIB0
E8
VCCIB1
E10
VCCIB1
E11
VCCIB1
E9
VCCIB2
F12
VCCIB2
G12
VCCIB2
H12
VCCIB3
J12
VCCIB3
K12
VCCIB3
L12
VCCIB4
M10
VCCIB4
M11
VCCIB4
M9
VCCIB5
M6
VCCIB5
M7
VCCIB5
M8
VCCIB6
J5
VCCIB6
K5
VCCIB6
L5
VCCIB7
F5
VCCIB7
G5
VCCIB7
H5
VCOMPLA
A7
VCOMPLB
D7
VCOMPLC
B9
VCOMPLD
D11
VCOMPLE
T10
VCOMPLF
N10
VCOMPLG
R8
VCOMPLH
N6
VPUMP
A14
256-Pin FBGA
AX250 Function
Pin Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More