Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AX2000-1CS896B Fiches technique(PDF) 115 Page - Actel Corporation

No de pièce AX2000-1CS896B
Description  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACTEL [Actel Corporation]
Site Internet  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CS896B Fiches technique(HTML) 115 Page - Actel Corporation

Back Button AX2000-1CS896B Datasheet HTML 111Page - Actel Corporation AX2000-1CS896B Datasheet HTML 112Page - Actel Corporation AX2000-1CS896B Datasheet HTML 113Page - Actel Corporation AX2000-1CS896B Datasheet HTML 114Page - Actel Corporation AX2000-1CS896B Datasheet HTML 115Page - Actel Corporation AX2000-1CS896B Datasheet HTML 116Page - Actel Corporation AX2000-1CS896B Datasheet HTML 117Page - Actel Corporation AX2000-1CS896B Datasheet HTML 118Page - Actel Corporation AX2000-1CS896B Datasheet HTML 119Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 226 page
background image
Axcelerator Family FPGAs
v2.7
3-9
IO224PB6F20
R4
Bank 7
IO225NB7F21
P1
IO225PB7F21
R1
IO226NB7F21
P3
IO226PB7F21
P2
IO227NB7F21
N7
IO227PB7F21
P7
IO228NB7F21
P5
IO228PB7F21
P4
IO229NB7F21
N2
IO229PB7F21
N1
IO230NB7F21
N6
IO230PB7F21
P6
IO231NB7F21
N9
IO231PB7F21
N8
IO232NB7F21
N4
IO232PB7F21
N3
IO233NB7F21
M2
IO233PB7F21
M1
IO234NB7F21
M4
IO234PB7F21
M3
IO235NB7F21
M5
IO235PB7F21
N5
IO236NB7F22
L2
IO236PB7F22
L1
IO237NB7F22
L4
IO237PB7F22
L3
IO238NB7F22
L6
IO238PB7F22
M6
IO239NB7F22
M8
IO239PB7F22
M7
IO240NB7F22
K2
IO240PB7F22
K1
IO241NB7F22
K4
IO241PB7F22
K3
IO242NB7F22
K5
IO242PB7F22
L5
729-Pin PBGA
AX1000 Function
Pin Number
IO243NB7F22
J2
IO243PB7F22
J1
IO244NB7F22
J4
IO244PB7F22
J3
IO245NB7F22
H2
IO245PB7F22
H1
IO246NB7F22
H4
IO246PB7F22
H3
IO247NB7F23
L8
IO247PB7F23
L7
IO248NB7F23
J6
IO248PB7F23
K6
IO249NB7F23
H5
IO249PB7F23
J5
IO250NB7F23
G2
IO250PB7F23
G1
IO251NB7F23
K8
IO251PB7F23
K7
IO252NB7F23
G4
IO252PB7F23
G3
IO253NB7F23
F2
IO253PB7F23
F1
IO254NB7F23
G6
IO254PB7F23
H6
IO255NB7F23
F5
IO255PB7F23
G5
IO256NB7F23
F3
IO256PB7F23
F4
IO257NB7F23
H7
IO257PB7F23
J7
Dedicated I/O
GND
A1
GND
A2
GND
A25
GND
A26
GND
A27
GND
A3
GND
AC24
729-Pin PBGA
AX1000 Function
Pin Number
GND
AE1
GND
AE2
GND
AE25
GND
AE26
GND
AE27
GND
AE3
GND
AE5
GND
AF1
GND
AF2
GND
AF25
GND
AF26
GND
AF27
GND
AF3
GND
AG1
GND
AG2
GND
AG25
GND
AG26
GND
AG27
GND
AG3
GND
B1
GND
B2
GND
B25
GND
B26
GND
B27
GND
B3
GND
C1
GND
C2
GND
C25
GND
C26
GND
C27
GND
C3
GND
E27
GND
L11
GND
L12
GND
L13
GND
L14
GND
L15
GND
L16
729-Pin PBGA
AX1000 Function
Pin Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More