Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AX2000-1CS896I Fiches technique(PDF) 225 Page - Actel Corporation

No de pièce AX2000-1CS896I
Description  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACTEL [Actel Corporation]
Site Internet  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CS896I Fiches technique(HTML) 225 Page - Actel Corporation

Back Button AX2000-1CS896I Datasheet HTML 218Page - Actel Corporation AX2000-1CS896I Datasheet HTML 219Page - Actel Corporation AX2000-1CS896I Datasheet HTML 220Page - Actel Corporation AX2000-1CS896I Datasheet HTML 221Page - Actel Corporation AX2000-1CS896I Datasheet HTML 222Page - Actel Corporation AX2000-1CS896I Datasheet HTML 223Page - Actel Corporation AX2000-1CS896I Datasheet HTML 224Page - Actel Corporation AX2000-1CS896I Datasheet HTML 225Page - Actel Corporation AX2000-1CS896I Datasheet HTML 226Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 225 / 226 page
background image
Datasheet Categories
In order to provide the latest information to designers, some datasheets are published before data has been fully
characterized. Datasheets are designated as “Product Brief,” “Advanced,” “Production,” and “Web-only.” The
definition of these categories are as follows:
Product Brief
The product brief is a summarized version of a advanced datasheet (advanced or production) containing general
product information. This brief gives an overview of specific device and family information.
Advanced
This datasheet version contains initial estimated information based on simulation, other products, devices, or speed
grades. This information can be used as estimates, but not for production.
Datasheet Supplement
The datasheet supplement gives specific device information for a derivative family that differs from the general family
datasheet. The supplement is to be used in conjunction with the datasheet to obtain more detailed information and
for specifications that do not differ between the two families.
Unmarked (production)
This datasheet version contains information that is considered to be final.
Export Administration Regulations (EAR)
The products described in this datasheet are subject to the Export Administration Regulations (EAR). They could
require an approved export license prior to export from the United States. An export includes release of product or
disclosure of technology to a foreign national inside or outside the United States.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More