| Moteur de recherche de fiches techniques de composants électroniques |
|
AX2000-1CS896I Fiches technique(PDF) 153 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
AX2000-1CS896I Fiches technique(HTML) 153 Page - Actel Corporation |
|
153 / 226 page ![]() Axcelerator Family FPGAs v2.7 3-47 GND L12 GND L13 GND L14 GND L15 GND L16 GND L17 GND M10 GND M11 GND M12 GND M13 GND M14 GND M15 GND M16 GND M17 GND N1 GND N10 GND N11 GND N12 GND N13 GND N14 GND N15 GND N16 GND N17 GND N26 GND P1 GND P10 GND P11 GND P12 GND P13 GND P14 GND P15 GND P16 GND P17 GND P26 GND R10 GND R11 GND R12 GND R13 GND R14 676-Pin FBGA AX1000 Function Pin Number GND R15 GND R16 GND R17 GND T10 GND T11 GND T12 GND T13 GND T14 GND T15 GND T16 GND T17 GND U10 GND U11 GND U12 GND U13 GND U14 GND U15 GND U16 GND U17 GND V18 GND V9 GND W1 GND W19 GND W26 GND W8 GND Y20 GND Y7 GND/LP C2 NC A25 NC AC13 NC AC14 NC AF2 NC AF25 NC D13 NC D14 PRA E13 PRB B14 PRC Y14 PRD AD14 676-Pin FBGA AX1000 Function Pin Number TCK E5 TDI B3 TDO G6 TMS D4 TRST A2 VCCA AB4 VCCA AF24 VCCA C1 VCCA C26 VCCA J10 VCCA J11 VCCA J12 VCCA J13 VCCA J14 VCCA J15 VCCA J16 VCCA J17 VCCA K18 VCCA K9 VCCA L18 VCCA L9 VCCA M18 VCCA M9 VCCA N18 VCCA N9 VCCA P18 VCCA P9 VCCA R18 VCCA R9 VCCA T18 VCCA T9 VCCA U18 VCCA U9 VCCA V10 VCCA V11 VCCA V12 VCCA V13 VCCA V14 VCCA V15 676-Pin FBGA AX1000 Function Pin Number |