| Moteur de recherche de fiches techniques de composants électroniques |
|
AX2000-1CS896I Fiches technique(PDF) 147 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
AX2000-1CS896I Fiches technique(HTML) 147 Page - Actel Corporation |
|
147 / 226 page ![]() Axcelerator Family FPGAs v2.7 3-41 NC AB11 NC AB17 NC AB18 NC AB19 NC AB20 NC AB8 NC AB9 NC AC1 NC AC13 NC AC14 NC AC25 NC AD1 NC AD11 NC AD16 NC AD25 NC AE1 NC AF2 NC AF25 NC B11 NC B24 NC B4 NC C16 NC C4 NC D1 NC D13 NC D14 NC D17 NC D18 NC D2 NC D26 NC D3 NC D9 NC E1 NC E18 NC E23 NC E24 NC E26 NC E3 NC E4 676-Pin FBGA AX500 Function Pin Number NC E9 NC F1 NC F18 NC F20 NC F21 NC F22 NC F23 NC F24 NC F4 NC F6 NC F7 NC G21 NC G22 NC H21 NC H22 NC H23 NC H5 NC H6 NC J5 NC J6 NC P22 NC R20 NC R21 NC R22 NC R4 NC R5 NC T22 NC T24 NC U22 NC U24 NC V22 NC V5 NC W21 NC W22 NC W5 NC W6 NC Y21 NC Y4 NC Y5 676-Pin FBGA AX500 Function Pin Number NC Y6 PRA E13 PRB B14 PRC Y14 PRD AD14 TCK E5 TDI B3 TDO G6 TMS D4 TRST A2 VCCA AB4 VCCA AF24 VCCA C1 VCCA C26 VCCA J10 VCCA J11 VCCA J12 VCCA J13 VCCA J14 VCCA J15 VCCA J16 VCCA J17 VCCA K18 VCCA K9 VCCA L18 VCCA L9 VCCA M18 VCCA M9 VCCA N18 VCCA N9 VCCA P18 VCCA P9 VCCA R18 VCCA R9 VCCA T18 VCCA T9 VCCA U18 VCCA U9 VCCA V10 676-Pin FBGA AX500 Function Pin Number |