Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AX2000-1CS896I Fiches technique(PDF) 133 Page - Actel Corporation

No de pièce AX2000-1CS896I
Description  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACTEL [Actel Corporation]
Site Internet  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CS896I Fiches technique(HTML) 133 Page - Actel Corporation

Back Button AX2000-1CS896I Datasheet HTML 129Page - Actel Corporation AX2000-1CS896I Datasheet HTML 130Page - Actel Corporation AX2000-1CS896I Datasheet HTML 131Page - Actel Corporation AX2000-1CS896I Datasheet HTML 132Page - Actel Corporation AX2000-1CS896I Datasheet HTML 133Page - Actel Corporation AX2000-1CS896I Datasheet HTML 134Page - Actel Corporation AX2000-1CS896I Datasheet HTML 135Page - Actel Corporation AX2000-1CS896I Datasheet HTML 136Page - Actel Corporation AX2000-1CS896I Datasheet HTML 137Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 226 page
background image
Axcelerator Family FPGAs
v2.7
3-27
VCCIB2
J15
VCCIB2
K15
VCCIB2
L15
VCCIB3
M15
VCCIB3
N15
VCCIB3
P15
VCCIB3
Y21
VCCIB3
Y22
VCCIB4
AA20
VCCIB4
AB20
VCCIB4
R12
VCCIB4
R13
VCCIB4
R14
VCCIB5
AA3
VCCIB5
AB3
VCCIB5
R10
VCCIB5
R11
VCCIB5
R9
VCCIB6
M8
VCCIB6
N8
VCCIB6
P8
VCCIB6
Y1
VCCIB6
Y2
VCCIB7
C1
VCCIB7
C2
VCCIB7
J8
VCCIB7
K8
VCCIB7
L8
VCOMPLA
D10
VCOMPLB
G10
VCOMPLC
E12
VCOMPLD
G14
VCOMPLE
W13
VCOMPLF
T13
VCOMPLG
V11
VCOMPLH
T9
VPUMP
D17
484-Pin FBGA
AX250 Function
Pin Number
484-Pin FBGA
AX500 Function
Pin Number
Bank 0
IO00NB0F0
E3
IO00PB0F0
D3
IO01NB0F0
E7
IO01PB0F0
E6
IO02NB0F0
C5
IO02PB0F0
C4
IO03NB0F0
D7
IO03PB0F0
D6
IO04NB0F0
B5
IO04PB0F0
B4
IO05NB0F0
C7
IO05PB0F0
C6
IO06NB0F0
A5
IO06PB0F0
A4
IO07NB0F0
A7
IO07PB0F0
A6
IO08NB0F0
B7
IO08PB0F0
B6
IO10NB0F0
B9
IO10PB0F0
B8
IO11NB0F0
E9
IO11PB0F0
E8
IO12NB0F1
D9
IO12PB0F1
D8
IO13NB0F1
C9
IO13PB0F1
C8
IO14NB0F1
A9
IO14PB0F1
A8
IO15NB0F1
B10
IO15PB0F1
A10
IO16NB0F1
B12
IO16PB0F1
B11
IO18NB0F1
C13
IO18PB0F1
C12
IO19NB0F1/HCLKAN
E11
IO19PB0F1/HCLKAP
E10
IO20NB0F1/HCLKBN
D12
IO20PB0F1/HCLKBP
D11
Bank 1
IO21NB1F2/HCLKCN
F13
IO21PB1F2/HCLKCP
F12
IO22NB1F2/HCLKDN
E14
IO22PB1F2/HCLKDP
E13
IO24NB1F2
A14
IO24PB1F2
A13
IO25NB1F2
B14
IO25PB1F2
B13
IO26NB1F2
C15
IO27NB1F2
A16
IO27PB1F2
A15
IO28NB1F2
B16
IO28PB1F2
B15
IO29NB1F2
D16
IO29PB1F2
D15
IO30NB1F2
A18
IO30PB1F2
A17
IO31NB1F2
F15
IO31PB1F2
F14
IO32NB1F3
C17
IO32PB1F3
C16
IO33NB1F3
E16
IO33PB1F3
E15
IO34NB1F3
B18
IO34PB1F3
B17
IO35NB1F3
B19
IO35PB1F3
A19
IO36NB1F3
C19
IO36PB1F3
C18
IO37NB1F3
F18
IO37PB1F3
F17
IO38NB1F3
D18
IO38PB1F3
E17
IO39NB1F3
E21
IO39PB1F3
D21
IO40NB1F3
E20
484-Pin FBGA
AX500 Function
Pin Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More