Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AX2000-1CS896 Fiches technique(PDF) 164 Page - Actel Corporation

No de pièce AX2000-1CS896
Description  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACTEL [Actel Corporation]
Site Internet  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CS896 Fiches technique(HTML) 164 Page - Actel Corporation

Back Button AX2000-1CS896 Datasheet HTML 160Page - Actel Corporation AX2000-1CS896 Datasheet HTML 161Page - Actel Corporation AX2000-1CS896 Datasheet HTML 162Page - Actel Corporation AX2000-1CS896 Datasheet HTML 163Page - Actel Corporation AX2000-1CS896 Datasheet HTML 164Page - Actel Corporation AX2000-1CS896 Datasheet HTML 165Page - Actel Corporation AX2000-1CS896 Datasheet HTML 166Page - Actel Corporation AX2000-1CS896 Datasheet HTML 167Page - Actel Corporation AX2000-1CS896 Datasheet HTML 168Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 226 page
background image
Axcelerator Family FPGAs
3- 58
v2.7
896-Pin FBGA
AX2000 Function
Pin Number
Bank 0
IO00NB0F0
B4
IO00PB0F0
A4
IO01NB0F0
F8
IO01PB0F0
F7
IO02NB0F0
D6
IO02PB0F0
E6
IO04NB0F0
A5
IO04PB0F0
B5
IO05NB0F0
H8
IO05PB0F0
G8
IO06NB0F0
D7
IO06PB0F0
E7
IO07NB0F0
D8
IO07PB0F0
E8
IO08NB0F0
C7
IO08PB0F0
C6
IO09NB0F0
G9
IO09PB0F0
H9
IO10NB0F0
A6
IO10PB0F0
B6
IO11NB0F0
H10
IO11PB0F0
G10
IO12NB0F1
E9
IO12PB0F1
F9
IO13NB0F1
E10
IO13PB0F1
F10
IO15NB0F1
F11
IO15PB0F1
G11
IO16NB0F1
A7
IO16PB0F1
B7
IO17NB0F1
D10
IO17PB0F1
D9
IO18NB0F1
C9
* Not routed on the same package layer
and to adjacent LGA pads as its differential
pair complement. Recommended to be
used as a single-ended I/O.
IO18PB0F1
C8
IO19NB0F1
D11
IO19PB0F1
E11
IO20PB0F1
B8
IO21NB0F1
H12
IO21PB0F1
H11
IO23NB0F2
A10
IO23PB0F2
A9
IO25NB0F2
F12
IO25PB0F2
G12
IO26NB0F2
B11
IO26PB0F2
B10
IO27NB0F2
D12
IO27PB0F2
E12
IO28NB0F2
C12
IO28PB0F2
C11
IO30NB0F2
A12
IO30PB0F2
A11
IO31NB0F2
F13
IO31PB0F2
G13
IO33NB0F2
H13
IO33PB0F2
J13
IO34NB0F3
B13
IO34PB0F3
B12
IO37NB0F3
E14
IO37PB0F3
E13
IO38NB0F3
B14
IO38PB0F3
A14
IO39NB0F3
H14
IO39PB0F3
J14
IO40NB0F3
B15
IO40PB0F3
A15
IO41NB0F3/HCLKAN
C14
IO41PB0F3/HCLKAP
D14
896-Pin FBGA
AX2000 Function
Pin Number
* Not routed on the same package layer
and to adjacent LGA pads as its differential
pair complement. Recommended to be
used as a single-ended I/O.
IO42NB0F3/HCLKBN
E15
IO42PB0F3/HCLKBP
D15
Bank 1
IO43NB1F4/HCLKCN
E17
IO43PB1F4/HCLKCP
E16
IO44NB1F4/HCLKDN
C17
IO44PB1F4/HCLKDP
D17
IO45NB1F4
A16
IO45PB1F4
B16
IO47NB1F4
H17
IO47PB1F4
J17
IO48NB1F4
A17
IO48PB1F4
B17
IO49NB1F4
H18
IO49PB1F4
J18
IO51NB1F4
F18
IO51PB1F4
G18
IO52NB1F4
B18
IO53NB1F4
D18
IO53PB1F4
C18
IO55NB1F5
H19
IO55PB1F5
G19
IO56NB1F5
B19
IO56PB1F5
A19
IO57NB1F5
E20
IO57PB1F5
E19
IO58NB1F5
C20
IO58PB1F5
C19
IO59NB1F5
B20
IO59PB1F5
A20
IO61NB1F5
F20
IO61PB1F5
F19
IO62NB1F5
A22
IO62PB1F5
A21
896-Pin FBGA
AX2000 Function
Pin Number
* Not routed on the same package layer
and to adjacent LGA pads as its differential
pair complement. Recommended to be
used as a single-ended I/O.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More