Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AX2000-1CS896 Fiches technique(PDF) 159 Page - Actel Corporation

No de pièce AX2000-1CS896
Description  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACTEL [Actel Corporation]
Site Internet  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CS896 Fiches technique(HTML) 159 Page - Actel Corporation

Back Button AX2000-1CS896 Datasheet HTML 155Page - Actel Corporation AX2000-1CS896 Datasheet HTML 156Page - Actel Corporation AX2000-1CS896 Datasheet HTML 157Page - Actel Corporation AX2000-1CS896 Datasheet HTML 158Page - Actel Corporation AX2000-1CS896 Datasheet HTML 159Page - Actel Corporation AX2000-1CS896 Datasheet HTML 160Page - Actel Corporation AX2000-1CS896 Datasheet HTML 161Page - Actel Corporation AX2000-1CS896 Datasheet HTML 162Page - Actel Corporation AX2000-1CS896 Datasheet HTML 163Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 226 page
background image
Axcelerator Family FPGAs
v2.7
3-53
IO168NB5F15
AH11
IO168PB5F15
AH12
IO169NB5F15
AD13
IO169PB5F15
AC13
IO170NB5F15
AJ10
IO170PB5F15
AJ11
IO171NB5F16
AG11
IO171PB5F16
AG12
IO172NB5F16
AK9
IO172PB5F16
AK10
IO173NB5F16
AE12
IO173PB5F16
AE13
IO174NB5F16
AG9
IO174PB5F16
AG10
IO175NB5F16
AE11
IO175PB5F16
AF11
IO176NB5F16
AH8
IO176PB5F16
AH9
IO177NB5F16
AC12
IO177PB5F16
AD12
IO178NB5F16
AJ7
IO178PB5F16
AJ8
IO179NB5F16
AF9
IO179PB5F16
AF10
IO180NB5F16
AE9
IO180PB5F16
AE10
IO181NB5F17
AC11
IO181PB5F17
AD11
IO182NB5F17
AK6
IO182PB5F17
AK7
IO183NB5F17
AF8
IO183PB5F17
AG8
IO184NB5F17
AG7
IO184PB5F17
AH7
IO185NB5F17
AC10
IO185PB5F17
AD10
IO186NB5F17
AJ5
IO186PB5F17
AJ6
896-Pin FBGA
AX1000 Function
Pin Number
IO187NB5F17
AE7
IO187PB5F17
AE8
IO188NB5F17
AF6
IO188PB5F17
AF7
IO189NB5F17
AD8
IO189PB5F17
AD9
IO190NB5F17
AH6
IO190PB5F17
AG6
IO191NB5F17
AG5
IO191PB5F17
AH5
IO192NB5F17
AC8
IO192PB5F17
AC9
Bank 6
IO193NB6F18
AB7
IO193PB6F18
AC7
IO194NB6F18
AD5
IO194PB6F18
AE5
IO195NB6F18
AB6
IO195PB6F18
AC6
IO196NB6F18
AE4
IO196PB6F18
AF4
IO197NB6F18
AA8
IO197PB6F18
AB8
IO198NB6F18
AF3
IO198PB6F18
AG3
IO199NB6F18
AC4
IO199PB6F18
AD4
IO200NB6F18
AB5
IO200PB6F18
AC5
IO201NB6F18
Y7
IO201PB6F18
AA7
IO202NB6F18
AD3
IO202PB6F18
AE3
IO203NB6F19
Y6
IO203PB6F19
AA6
IO204NB6F19
Y5
IO204PB6F19
AA5
IO205NB6F19
W8
896-Pin FBGA
AX1000 Function
Pin Number
IO205PB6F19
Y8
IO206NB6F19
AA4
IO206PB6F19
AB4
IO207NB6F19
W6
IO207PB6F19
W7
IO208NB6F19
AB3
IO208PB6F19
AC3
IO209NB6F19
V8
IO209PB6F19
V9
IO210NB6F19
AA2
IO210PB6F19
AA1
IO211NB6F19
V5
IO211PB6F19
W5
IO212NB6F19
Y3
IO212PB6F19
Y4
IO213NB6F19
V7
IO213PB6F19
V6
IO214NB6F20
W3
IO214PB6F20
W4
IO215NB6F20
U8
IO215PB6F20
U9
IO216NB6F20
W1
IO216PB6F20
W2
IO217NB6F20
U7
IO217PB6F20
U6
IO218NB6F20
U4
IO218PB6F20
V4
IO219NB6F20
T5
IO219PB6F20
U5
IO220NB6F20
U3
IO220PB6F20
V3
IO221NB6F20
T8
IO221PB6F20
T9
IO222NB6F20
U2
IO222PB6F20
V2
IO223NB6F20
T7
IO223PB6F20
T6
IO224NB6F20
R2
896-Pin FBGA
AX1000 Function
Pin Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More