Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AX2000-1CS896 Fiches technique(PDF) 127 Page - Actel Corporation

No de pièce AX2000-1CS896
Description  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACTEL [Actel Corporation]
Site Internet  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CS896 Fiches technique(HTML) 127 Page - Actel Corporation

Back Button AX2000-1CS896 Datasheet HTML 123Page - Actel Corporation AX2000-1CS896 Datasheet HTML 124Page - Actel Corporation AX2000-1CS896 Datasheet HTML 125Page - Actel Corporation AX2000-1CS896 Datasheet HTML 126Page - Actel Corporation AX2000-1CS896 Datasheet HTML 127Page - Actel Corporation AX2000-1CS896 Datasheet HTML 128Page - Actel Corporation AX2000-1CS896 Datasheet HTML 129Page - Actel Corporation AX2000-1CS896 Datasheet HTML 130Page - Actel Corporation AX2000-1CS896 Datasheet HTML 131Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 226 page
background image
Axcelerator Family FPGAs
v2.7
3-21
NC
G4
NC
H14
NC
H15
NC
H5
NC
J1
NC
J14
NC
J15
NC
J5
NC
K14
NC
K15
NC
K5
NC
L14
NC
L15
NC
L5
NC
M4
NC
M5
NC
N17
NC
N4
NC
N5
NC
R12
NC
R13
NC
R6
NC
R7
NC
T12
NC
T6
NC
U16
NC
V17
PRA
E9
PRB
D9
PRC
P10
PRD
R10
TCK
E6
TDI
D7
TDO
D5
TMS
D4
TRST
D6
VCCA
E15
VCCA
G10
324-Pin FBGA
AX125 Function
Pin Number
VCCA
G11
VCCA
G5
VCCA
G8
VCCA
G9
VCCA
H12
VCCA
H7
VCCA
J12
VCCA
J7
VCCA
K12
VCCA
K7
VCCA
L12
VCCA
L7
VCCA
M10
VCCA
M11
VCCA
M8
VCCA
M9
VCCA
P4
VCCA
R15
VCCPLA
D8
VCCPLB
E7
VCCPLC
B11
VCCPLD
E11
VCCPLE
R11
VCCPLF
P12
VCCPLG
U8
VCCPLH
P8
VCCDA
B3
VCCDA
D14
VCCDA
E10
VCCDA
J2
VCCDA
K16
VCCDA
P15
VCCDA
P9
VCCDA
R5
VCCIB0
F7
VCCIB0
F8
VCCIB0
F9
VCCIB1
F10
324-Pin FBGA
AX125 Function
Pin Number
VCCIB1
F11
VCCIB1
F12
VCCIB2
G13
VCCIB2
H13
VCCIB2
J13
VCCIB3
K13
VCCIB3
L13
VCCIB3
M13
VCCIB4
N10
VCCIB4
N11
VCCIB4
N12
VCCIB5
N7
VCCIB5
N8
VCCIB5
N9
VCCIB6
K6
VCCIB6
L6
VCCIB6
M6
VCCIB7
G6
VCCIB7
H6
VCCIB7
J6
VCOMPLA
B8
VCOMPLB
E8
VCOMPLC
C10
VCOMPLD
E12
VCOMPLE
U11
VCOMPLF
P11
VCOMPLG
T9
VCOMPLH
P7
VPUMP
B15
324-Pin FBGA
AX125 Function
Pin Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More