Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AX2000-1CS896 Fiches technique(PDF) 112 Page - Actel Corporation

No de pièce AX2000-1CS896
Description  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACTEL [Actel Corporation]
Site Internet  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CS896 Fiches technique(HTML) 112 Page - Actel Corporation

Back Button AX2000-1CS896 Datasheet HTML 108Page - Actel Corporation AX2000-1CS896 Datasheet HTML 109Page - Actel Corporation AX2000-1CS896 Datasheet HTML 110Page - Actel Corporation AX2000-1CS896 Datasheet HTML 111Page - Actel Corporation AX2000-1CS896 Datasheet HTML 112Page - Actel Corporation AX2000-1CS896 Datasheet HTML 113Page - Actel Corporation AX2000-1CS896 Datasheet HTML 114Page - Actel Corporation AX2000-1CS896 Datasheet HTML 115Page - Actel Corporation AX2000-1CS896 Datasheet HTML 116Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 226 page
background image
Axcelerator Family FPGAs
3- 6
v2.7
IO56NB1F5
H19
IO56PB1F5
G19
IO57NB1F5
D22
IO57PB1F5
C22
IO58NB1F5
B23
IO58PB1F5
A23
IO59NB1F5
D23
IO59PB1F5
C23
IO60NB1F5
G21
IO60PB1F5
G20
IO61NB1F5
E23
IO61PB1F5
E22
IO62NB1F5
F22
IO62PB1F5
F21
IO63NB1F5
H20
IO63PB1F5
J19
Bank 2
IO64NB2F6
J21
IO64PB2F6
H21
IO65NB2F6
F24
IO65PB2F6
F23
IO66NB2F6
F26
IO66PB2F6
F25
IO67NB2F6
E26
IO67PB2F6
E25
IO68NB2F6
J22
IO68PB2F6
H22
IO69NB2F6
G24
IO69PB2F6
G23
IO70NB2F6
K20
IO70PB2F6
J20
IO71NB2F6
G26
IO71PB2F6
G25
IO72NB2F6
J24
IO72PB2F6
J23
IO73NB2F6
H24
IO73PB2F6
H23
IO74NB2F7
L21
729-Pin PBGA
AX1000 Function
Pin Number
IO74PB2F7
K21
IO75NB2F7
G27
IO75PB2F7
F27
IO76NB2F7
K23
IO76PB2F7
K22
IO77NB2F7
H26
IO77PB2F7
H25
IO78NB2F7
K25
IO78PB2F7
K24
IO79NB2F7
J26
IO79PB2F7
J25
IO80NB2F7
M20
IO80PB2F7
L20
IO81NB2F7
J27
IO81PB2F7
H27
IO82NB2F7
L23
IO82PB2F7
L22
IO83NB2F7
L25
IO83PB2F7
L24
IO84NB2F7
N21
IO84PB2F7
M21
IO85NB2F8
K27
IO85PB2F8
K26
IO86NB2F8
M23
IO86PB2F8
M22
IO87NB2F8
M25
IO87PB2F8
M24
IO88NB2F8
L27
IO88PB2F8
L26
IO89NB2F8
M27
IO89PB2F8
M26
IO90NB2F8
N23
IO90PB2F8
N22
IO91NB2F8
N25
IO91PB2F8
N24
IO92NB2F8
N27
IO92PB2F8
N26
IO93NB2F8
P26
729-Pin PBGA
AX1000 Function
Pin Number
IO93PB2F8
P27
IO94NB2F8
N19
IO94PB2F8
N20
IO95NB2F8
P23
IO95PB2F8
P22
Bank 3
IO96NB3F9
P25
IO96PB3F9
P24
IO97NB3F9
R26
IO97PB3F9
R27
IO98NB3F9
P21
IO98PB3F9
P20
IO99NB3F9
R24
IO99PB3F9
R25
IO100NB3F9
T26
IO100PB3F9
T27
IO101NB3F9
T24
IO101PB3F9
T25
IO102NB3F9
R20
IO102PB3F9
R21
IO103NB3F9
R23
IO103PB3F9
R22
IO104NB3F9
U26
IO104PB3F9
U27
IO105NB3F9
U24
IO105PB3F9
U25
IO106NB3F9
R19
IO106PB3F9
P19
IO107NB3F10
V26
IO107PB3F10
V27
IO108NB3F10
T23
IO108PB3F10
T22
IO109NB3F10
V24
IO109PB3F10
V25
IO110NB3F10
T20
IO110PB3F10
T21
IO111NB3F10
W26
IO111PB3F10
W27
729-Pin PBGA
AX1000 Function
Pin Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More