Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AX2000-1CSG896 Fiches technique(PDF) 224 Page - Actel Corporation

No de pièce AX2000-1CSG896
Description  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACTEL [Actel Corporation]
Site Internet  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CSG896 Fiches technique(HTML) 224 Page - Actel Corporation

Back Button AX2000-1CSG896 Datasheet HTML 218Page - Actel Corporation AX2000-1CSG896 Datasheet HTML 219Page - Actel Corporation AX2000-1CSG896 Datasheet HTML 220Page - Actel Corporation AX2000-1CSG896 Datasheet HTML 221Page - Actel Corporation AX2000-1CSG896 Datasheet HTML 222Page - Actel Corporation AX2000-1CSG896 Datasheet HTML 223Page - Actel Corporation AX2000-1CSG896 Datasheet HTML 224Page - Actel Corporation AX2000-1CSG896 Datasheet HTML 225Page - Actel Corporation AX2000-1CSG896 Datasheet HTML 226Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 224 / 226 page
background image
Axcelerator Family FPGAs
4- 4
v2.7
Advanced v1.2
The "Device Resources" section was updated for the CS180.
ii
The "Programmable Interconnect Element" and Figure 1-2 was new.
1-1 and 1-2
The "180-Pin CSP" table is new.
3-1
The "208-Pin PQFP" tables for the AX500 were updated. The following pins were not defined
in the previous version:
GND 21
IO106PB5F10/CLKHP 71
GND 136
3-78
Advanced v1.1
Table 1-1 was updated.
i
"Ordering Information", "Device Resources" and the Product Plan table were updated.
ii
Figure 1-3 was updated.
1-3
The "Design Environment" section was updated.
1-6
Figure 1-8 was new.
1-6
Table 2-3 was updated.
2-2
"Package Thermal Characteristics" was updated.
2-6
Figure 2-2 was updated.
2-9
Table 2-8 was updated.
2-11
Figure 2-11 was updated.
2-20
The timing characteristics tables from pages 2-22 to 2-49 were updated.
2-22 to 2-49
The "Global Resources" section was updated.
2-55
The timing characteristics tables from pages 2-86 to 2-87 were updated.
2-86 to 2-87
The "208-Pin PQFP" tables are new.
3-78
The "256-Pin FBGA" tables are new.
3-12
The "324-Pin FBGA" tables are new.
3-18
Previous Version
Changes in Current Version (v2.7)
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More