Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AX2000-1CSG896 Fiches technique(PDF) 131 Page - Actel Corporation

No de pièce AX2000-1CSG896
Description  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACTEL [Actel Corporation]
Site Internet  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CSG896 Fiches technique(HTML) 131 Page - Actel Corporation

Back Button AX2000-1CSG896 Datasheet HTML 127Page - Actel Corporation AX2000-1CSG896 Datasheet HTML 128Page - Actel Corporation AX2000-1CSG896 Datasheet HTML 129Page - Actel Corporation AX2000-1CSG896 Datasheet HTML 130Page - Actel Corporation AX2000-1CSG896 Datasheet HTML 131Page - Actel Corporation AX2000-1CSG896 Datasheet HTML 132Page - Actel Corporation AX2000-1CSG896 Datasheet HTML 133Page - Actel Corporation AX2000-1CSG896 Datasheet HTML 134Page - Actel Corporation AX2000-1CSG896 Datasheet HTML 135Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 226 page
background image
Axcelerator Family FPGAs
v2.7
3-25
IO110NB7F7
K5
IO110PB7F7
L5
IO111NB7F7
K6
IO111PB7F7
L6
IO112NB7F7
K4
IO112PB7F7
K3
IO113NB7F7
K7
IO113PB7F7
L7
IO114NB7F7
H1
IO114PB7F7
J1
IO115NB7F7
H2
IO115PB7F7
J2
IO116NB7F7
H4
IO116PB7F7
J4
IO117NB7F7
H5
IO117PB7F7
J5
IO118NB7F7
F2
IO118PB7F7
G2
IO119NB7F7
H6
IO119PB7F7
J6
IO120NB7F7
F1
IO120PB7F7
G1
IO121NB7F7
F4
IO121PB7F7
G4
IO122NB7F7
G5
IO122PB7F7
G6
IO123NB7F7
F5
IO123PB7F7
E4
Dedicated I/O
VCCDA
H7
GND
A1
GND
A11
GND
A12
GND
A2
GND
A21
GND
A22
GND
AA1
GND
AA2
484-Pin FBGA
AX250 Function
Pin Number
GND
AA21
GND
AA22
GND
AB1
GND
AB11
GND
AB12
GND
AB2
GND
AB21
GND
AB22
GND
B1
GND
B2
GND
B21
GND
B22
GND
C20
GND
C3
GND
D19
GND
D4
GND
E18
GND
E5
GND
G18
GND
H15
GND
H8
GND
J14
GND
J9
GND
K10
GND
K11
GND
K12
GND
K13
GND
L1
GND
L10
GND
L11
GND
L12
GND
L13
GND
L22
GND
M1
GND
M10
GND
M11
GND
M12
GND
M13
484-Pin FBGA
AX250 Function
Pin Number
GND
M22
GND
N10
GND
N11
GND
N12
GND
N13
GND
P14
GND
P9
GND
R15
GND
R8
GND
U16
GND
U6
GND
V18
GND
V5
GND
W19
GND
W4
GND
Y20
GND
Y3
GND/LP
G7
NC
A17
NC
A18
NC
A19
NC
A4
NC
A5
NC
AA11
NC
AA12
NC
AA18
NC
AA19
NC
AA4
NC
AB16
NC
AB17
NC
AB4
NC
AB7
NC
AB8
NC
B11
NC
B12
NC
B17
NC
B18
NC
B19
484-Pin FBGA
AX250 Function
Pin Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More