Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AX2000-1CSG896 Fiches technique(PDF) 117 Page - Actel Corporation

No de pièce AX2000-1CSG896
Description  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACTEL [Actel Corporation]
Site Internet  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CSG896 Fiches technique(HTML) 117 Page - Actel Corporation

Back Button AX2000-1CSG896 Datasheet HTML 113Page - Actel Corporation AX2000-1CSG896 Datasheet HTML 114Page - Actel Corporation AX2000-1CSG896 Datasheet HTML 115Page - Actel Corporation AX2000-1CSG896 Datasheet HTML 116Page - Actel Corporation AX2000-1CSG896 Datasheet HTML 117Page - Actel Corporation AX2000-1CSG896 Datasheet HTML 118Page - Actel Corporation AX2000-1CSG896 Datasheet HTML 119Page - Actel Corporation AX2000-1CSG896 Datasheet HTML 120Page - Actel Corporation AX2000-1CSG896 Datasheet HTML 121Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 226 page
background image
Axcelerator Family FPGAs
v2.7
3-11
VCCIB2
K19
VCCIB2
L19
VCCIB2
M18
VCCIB2
M19
VCCIB2
N18
VCCIB3
AD25
VCCIB3
AD26
VCCIB3
AD27
VCCIB3
R18
VCCIB3
T18
VCCIB3
T19
VCCIB3
U19
VCCIB3
V19
VCCIB4
AE24
VCCIB4
AF24
VCCIB4
AG24
VCCIB4
V15
VCCIB4
V16
VCCIB4
W16
VCCIB4
W17
VCCIB4
W18
VCCIB5
AE4
VCCIB5
AF4
VCCIB5
AG4
VCCIB5
V12
VCCIB5
V13
VCCIB5
W10
VCCIB5
W11
VCCIB5
W12
VCCIB6
AD1
VCCIB6
AD2
VCCIB6
AD3
VCCIB6
R10
VCCIB6
T10
VCCIB6
T9
VCCIB6
U9
VCCIB6
V9
VCCIB7
D1
729-Pin PBGA
AX1000 Function
Pin Number
VCCIB7
D2
VCCIB7
D3
VCCIB7
K9
VCCIB7
L9
VCCIB7
M10
VCCIB7
M9
VCCIB7
N10
VCOMPLA
B13
VCOMPLB
A14
VCOMPLC
A15
VCOMPLD
J15
VCOMPLE
AG15
VCOMPLF
W15
VCOMPLG
AC14
VCOMPLH
W13
VPUMP
D24
729-Pin PBGA
AX1000 Function
Pin Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More