Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AX2000-1CSG896 Fiches technique(PDF) 108 Page - Actel Corporation

No de pièce AX2000-1CSG896
Description  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACTEL [Actel Corporation]
Site Internet  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CSG896 Fiches technique(HTML) 108 Page - Actel Corporation

Back Button AX2000-1CSG896 Datasheet HTML 104Page - Actel Corporation AX2000-1CSG896 Datasheet HTML 105Page - Actel Corporation AX2000-1CSG896 Datasheet HTML 106Page - Actel Corporation AX2000-1CSG896 Datasheet HTML 107Page - Actel Corporation AX2000-1CSG896 Datasheet HTML 108Page - Actel Corporation AX2000-1CSG896 Datasheet HTML 109Page - Actel Corporation AX2000-1CSG896 Datasheet HTML 110Page - Actel Corporation AX2000-1CSG896 Datasheet HTML 111Page - Actel Corporation AX2000-1CSG896 Datasheet HTML 112Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 226 page
background image
Axcelerator Family FPGAs
3- 2
v2.7
180-Pin CSP
AX125 Function
Pin Number
Bank 0
IO00NB0F0
B3
IO00PB0F0
A3
IO02NB0F0
B4
IO02PB0F0
A4
IO07NB0F0/HCLKAN
B5
IO07PB0F0/HCLKAP
A5
IO08NB0F0/HCLKBN
B7
IO08PB0F0/HCLKBP
B6
Bank 1
IO09NB1F1/HCLKCN
C9
IO09PB1F1/HCLKCP
C8
IO10NB1F1/HCLKDN
A10
IO10PB1F1/HCLKDP
B10
IO11NB1F1
B11
IO11PB1F1
A11
IO15NB1F1
B12
IO15PB1F1
A12
IO17NB1F1
D12
IO17PB1F1
D11
Bank 2
IO18NB2F2
C13
IO18PB2F2
C12
IO19NB2F2
C14
IO19PB2F2
B14
IO20NB2F2
D13
IO20PB2F2
D14
IO22NB2F2
F12
IO22PB2F2
E12
IO24NB2F2
E13
IO24PB2F2
E14
IO26NB2F2
F13
IO26PB2F2
F14
IO28NB2F2
G12
IO28PB2F2
G11
Bank 3
IO30NB3F3
H13
IO30PB3F3
G13
IO32NB3F3
H11
IO32PB3F3
H12
IO34NB3F3
K14
IO34PB3F3
J14
IO36NB3F3
K13
IO36PB3F3
J13
IO38NB3F3
L13
IO38PB3F3
L14
IO40NB3F3
M13
IO40PB3F3
M14
IO41NB3F3
K12
IO41PB3F3
J12
Bank 4
IO42NB4F4
P13
IO42PB4F4
N13
IO43NB4F4
L12
IO43PB4F4
M12
IO46NB4F4
P12
IO46PB4F4
N12
IO47NB4F4
N11
IO47PB4F4
P11
IO49NB4F4/CLKEN
M11
IO49PB4F4/CLKEP
M10
IO50NB4F4/CLKFN
N9
IO50PB4F4/CLKFP
P9
Bank 5
IO51NB5F5/CLKGN
M7
IO51PB5F5/CLKGP
M8
IO52NB5F5/CLKHN
P5
IO52PB5F5/CLKHP
N5
IO53NB5F5
P4
IO53PB5F5
N4
IO55NB5F5
P3
IO55PB5F5
N3
IO56NB5F5
M4
IO56PB5F5
M5
IO57NB5F5
M2
IO57PB5F5
M3
180-Pin CSP
AX125 Function
Pin Number
IO59NB5F5
N2
IO59PB5F5
P2
Bank 6
IO60NB6F6
M1
IO60PB6F6
N1
IO62NB6F6
K3
IO62PB6F6
L3
IO64NB6F6
L2
IO64PB6F6
L1
IO66NB6F6
K2
IO66PB6F6
K1
IO68NB6F6
H3
IO68PB6F6
J3
IO70NB6F6
G4
IO70PB6F6
H4
IO71NB6F6
J1
IO71PB6F6
J2
Bank 7
IO72NB7F7
G2
IO72PB7F7
H2
IO74NB7F7
F3
IO74PB7F7
G3
IO76NB7F7
F1
IO76PB7F7
F2
IO78NB7F7
E1
IO78PB7F7
E2
IO79NB7F7
D2
IO79PB7F7
D1
IO83NB7F7
C1
IO83PB7F7
C2
Dedicated I/O
VCCDA
B1
GND
A1
GND
A14
GND
A7
GND
A8
GND
E10
GND
E5
180-Pin CSP
AX125 Function
Pin Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More