| Moteur de recherche de fiches techniques de composants électroniques |
|
CB6/2H Fiches technique(PDF) 4 Page - Altech corporation |
|
|
|||||||||||||||||||||||||||||
CB6/2H Fiches technique(HTML) 4 Page - Altech corporation |
|
4 / 1 page ![]() Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com 48 EP CMB4 CMB4 MINI FEED-THROUGH Panel Mount For use when space constraints require extremely compact solutions and internal jumping is required. Individual components can be used to build your own assemblies. Just snap the required number of terminal block components together and place a Mounting Section on each end. The CMB 4 accepts internal jumpers and standard marking tags. • Extremely compact and cost effective • High density • Screw-cage clamp • Internal jumping provision • Polyamide 6.6 • Standard color: gray Terminal Width Height x Length Stripping Length Insulation Material Type of Connection Approvals Wire Range Voltage Rating Current Rating Torque Terminal Block Mounting Section Separator Plate Mounting Screw* Internal Jumper Insulated Internal Jumper Current Bars Shorting Sleeve & Screw External Jumper Marking Tags (MT Type) 2 pole 3 pole 4 pole 10 pole 2 pole 3 pole 4 pole 10 pole 2 pole 3 pole 4 pole 10 pole 10 pole (breakable) 100 pole 2 pole 3 pole 4 pole 10 pole 6 mm 28 x 27 mm 9 mm Polyamide 6.6 2screwclamps&1tappedholeforcrossconnection 22-10 AWG 0.5-4 sq.mm 22-10 AWG 300 V 400 V 300 V 35 A 32 A 35 A 7 lb-in 0.5 Nm 7 lb-in Cat. No. Std. Pk. CMB4 100 EPCMB4 50 SPCMB4 100 CA727/2 100 CA727/3 50 CA727/4 50 CA727/10 10 CA747/2 100 CA747/3 50 CA747/4 50 CA747/10 10 CA703/1 100 CA704/1 100 CA705/1 100 CA732/10 100 CA732/10-A 100 CA732/100 10 CA607/S/Q 100 CA714/2 100 CA714/3 100 CA714/4 50 CA714/10 25 MT2 100 Dimensions mm (in.) CMB4 Mounting Section EPCMB4 No. of Hole Cat No. Poles Width (a) Spacing (b) CMB4/2 2 26 (1.02) 19 (0.75) CMB4/3 3 32 (1.26) 25 (0.98) CMB4/4 4 38 (1.50) 31 (1.22) CMB4/5 5 44 (1.73) 37 (1.46) CMB4/6 6 50 (1.97) 43 (1.69) CMB4/7 7 56 (2.20) 49 (1.93) CMB4/8 8 62 (2.44) 55 (2.17) CMB4/9 9 68 (2.68) 61 (2.40) CMB4/10 10 74 (2.91) 67 (2.64) CMB4/11 11 80 (3.15) 73 (2.87) CMB4/12 12 86 (3.39) 79 (3.11) CMB4/13 13 92 (3.62) 85 (3.35) CMB4/14 14 98 (3.86) 91 (3.58) CMB4/15 15 104 (4.09) 97 (3.82) CMB4/16 16 110 (4.33) 103 (4.06) CMB4/17 17 116 (4.57) 109 (4.29) CMB4/18 18 122 (4.80) 115 (4.53) CMB4/19 19 128 (5.04) 121 (4.76) CMB4/20 20 134 (5.28) 127 (5.00) CMB4/21 21 140 (5.51) 133 (5.24) CMB4/22 22 146 (5.75) 139 (5.47) CMB4/23 23 152 (5.98) 145 (5.71) CMB4/24 24 158 (6.22) 151 (5.94) b a * Any length M3 screw may be used. CUS Preassembled blocks are also available for quick and easy installations. See Dimensions below. |